Electronic Components Datasheet Search
  English  ▼

X  

XRT79L74 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT79L74
Description  4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L74 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT79L74 Datasheet HTML 35Page - Exar Corporation XRT79L74 Datasheet HTML 36Page - Exar Corporation XRT79L74 Datasheet HTML 37Page - Exar Corporation XRT79L74 Datasheet HTML 38Page - Exar Corporation XRT79L74 Datasheet HTML 39Page - Exar Corporation XRT79L74 Datasheet HTML 40Page - Exar Corporation XRT79L74 Datasheet HTML 41Page - Exar Corporation XRT79L74 Datasheet HTML 42Page - Exar Corporation XRT79L74 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
PRELIMINARY
XRT79L74
4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.0
37
B16
RxUPrty/
RxPPrty
O
Receive UTOPIA Interface - Parity Output pin/Receive POS-PHY Interface -
Parity Output:
The function of this output pin depends upon whether the XRT79L74 has been
configured to operate in the ATM UNI or the PPP Modes.
ATM UNI Mode - RxUPrty:
The Receive UTOPIA interface block will compute the odd-parity value of each
byte (or word) that it will place in the Receive UTOPIA Data Bus. This odd-par-
ity value will be output on this pin, while the corresponding byte (or word) is
present on the Receive UTOPIA Data Bus
PPP Mode - RxPPrty:
The Receive POS-PHY Interface block will compute the odd-parity value of
each byte (or word) that it will place in the Receive POS-PHY Data Bus. This
odd parity value will be output on this pin, which the corresponding byte (or
word) is present on the Receive POS-PHY Data Bus.
NOTE: This output pin will be in-active if the user has configured the XRT79L74
device to operate in either the Clear-Channel Framer or in the High-
Speed HDLC Controller Modes.
E13
RxPEOP
O
Receive POS-PHY Interface - End of Packet:
The XRT79L74 drives this output pin "High" whenever the last byte of a given
Packet is being output via the RxPData[15:0] data bus.
NOTES:
1.
This output pin is only valid when the XRT79L74 is configured to
operate in the PPP Mode.
2.
This output pin is only valid when the Receive POS-PHY Interface -
Read Enable Output pin.
A9
RxPDVAL
O
Receive POS-PHY Interface Signal Valid Indicator:
This output signal indicates whether or not the Receive POS-PHY Interface sig-
nals (e.g., PRData[15:0], RxPSOP, RxPEOP, RxPPrty, RxPERR) are valid.
This output pin will be driven "High", when these signals are valid. Conversely,
this output pin will be driven "Low" when these signals are NOT valid.
NOTE: This output pin is only active if the XRT79L74 has been configured to
operate in the PPP Mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com