Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL28IV Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT83SL28IV
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL28IV Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT83SL28IV Datasheet HTML 14Page - Exar Corporation XRT83SL28IV Datasheet HTML 15Page - Exar Corporation XRT83SL28IV Datasheet HTML 16Page - Exar Corporation XRT83SL28IV Datasheet HTML 17Page - Exar Corporation XRT83SL28IV Datasheet HTML 18Page - Exar Corporation XRT83SL28IV Datasheet HTML 19Page - Exar Corporation XRT83SL28IV Datasheet HTML 20Page - Exar Corporation XRT83SL28IV Datasheet HTML 21Page - Exar Corporation XRT83SL28IV Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
XRT83SL28
xr
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
16
NOTE: VDD=3.3V ±5%, TA=25°C, Unless Otherwise Specified
1.4
Receive Sensitivity
To meet short haul requirements, the XRT83SL28 can accept E1 signals that have been attenuated by 9dB of
cable loss in E1 mode. The test configuration for measuring the receive sensitivity is shown in Figure 8.
FIGURE 8. TEST CONFIGURATION FOR MEASURING RECEIVE SENSITIVITY
1.5
General Alarm Detection and Interrupt Generation
The receive path detects RLOS and AIS. These alarms can be individually masked to prevent the alarm from
triggering an interrupt. To enable interrupt generation, the Global Interrupt Enable (GIE) bit must be set "High"
in the appropriate global register. Any time a change in status occurs (if the alarms are enabled), the interrupt
pin will pull "Low" to indicate an alarm has occurred. Once the status registers have been read, the INT pin will
return "High". The status registers are Reset Upon Read (RUR).
NOTE: The interrupt pin is an Open-Drain output that requires a 10k
Ω pull-up resistor.
RCLK Rise Time (10% to 90%)
with 25pF Loading
RCLKR
-
-
40
ns
RCLK Fall Time (90% to 10%)
with 25pF Loading
RCLKF
-
-
40
ns
TABLE 2: TIMING SPECIFICATIONS FOR RCLK/RPOS/RNEG
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Network
Analyzer
E1 = PRBS 215 - 1
External Loopback
XRT83SL28
8-Channel
Short Haul LIU
Tx
Tx
Rx
Rx
W&G ANT20
Cable Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com