Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL28IV Datasheet(PDF) 46 Page - Exar Corporation

Part # XRT83SL28IV
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL28IV Datasheet(HTML) 46 Page - Exar Corporation

Back Button XRT83SL28IV Datasheet HTML 39Page - Exar Corporation XRT83SL28IV Datasheet HTML 40Page - Exar Corporation XRT83SL28IV Datasheet HTML 41Page - Exar Corporation XRT83SL28IV Datasheet HTML 42Page - Exar Corporation XRT83SL28IV Datasheet HTML 43Page - Exar Corporation XRT83SL28IV Datasheet HTML 44Page - Exar Corporation XRT83SL28IV Datasheet HTML 45Page - Exar Corporation XRT83SL28IV Datasheet HTML 46Page - Exar Corporation XRT83SL28IV Datasheet HTML 47Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
XRT83SL28
xr
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
44
PACKAGE DIMENSIONS
ORDERING INFORMATION
PRODUCT NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT83SL28IV
144 LEAD TQFP
-400C to +850C
Note: The control dimension is the millimeter column
144 LEAD THIN QUAD FLAT PACK
(20 x 20 x 1.4 mm TQFP)
rev. 1.00
A
2
α
L
C
e
108
73
72
37
109
144
D
D
1
D
D
1
1
36
B
A
1
A
Seating Plane
SYMBOL
MIN
MAX
MIN
MAX
A
0.055
0.063
1.4
1.6
A1
0.002
0.006
0.05
0.15
A2
0.053
0.057
1.35
1.45
B
0.007
0.011
0.17
0.27
C
0.004
0.008
0.09
0.20
D
0.858
0.874
21.8
22.2
D1
0.783
0.791
19.9
20.1
e
L
0.018
0.03
0.45
0.75
α
0o
7o
0o
7o
MILLIMETERS
INCHES
0.020 BSC
0.50 BSC
β
0.490
0.510
12.45
12.96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com