Electronic Components Datasheet Search
  English  ▼

X  

G5921 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G5921
Description  Ultra Low-Dropout, Constant-Current White LED Bias
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5921 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G5921 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ver: 0.4 Preliminary
Feb 03, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G5920/G5921
Global Mixed-mode Technology Inc.
Pin Descriptions
PIN
G5920
G5921
SOT-23-6
MSOP-8
NAME
FUNCTION
1
1
LED2
LED2 bias current input.
2
8
GND
Ground.
3
6
LED3
LED3 bias current input.
4
5
EN
Enable Dimming control.
5
3
VCC
Power supply.
6
2
LED1
LED1 bias current input.
7
LED4
LED4 bias current input.
4
N.C.
Not Connected.
Block Diagram
Current
Control
EN
GND
VCC
0.1µF
V
BAT
LED1
LED2
LED3
Current
Control
EN
GND
VCC
0.1µF
V
BAT
LED1
LED2
LED3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com