Electronic Components Datasheet Search
  English  ▼

X  

G5921 Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G5921
Description  Ultra Low-Dropout, Constant-Current White LED Bias
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5921 Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G5921 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5921 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 0.4 Preliminary
Feb 03, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G5920/G5921
Global Mixed-mode Technology Inc.
Package Information
SOT-23-6 (TB) Package
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ±0.1000 mm (4mil) unless otherwise specified
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane
DIMENSIONS IN MILLIMETER
SYMBOL
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-----
1.90(TYP)
-----
e1
-----
0.95
-----
H
2.60
2.80
3.00
L
0.37
------
-----
θ
1
1º
5º
9º
E
D
H
θ1
L
C
b
A2
A1
A
e
e1
E
D
H
θ1
L
C
b
A2
A1
A
e
e1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com