Electronic Components Datasheet Search
  English  ▼

X  

IRS2136D Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2136D
Description  3-PHASE BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2136D Datasheet(HTML) 5 Page - International Rectifier

  IRS2136D Datasheet HTML 1Page - International Rectifier IRS2136D Datasheet HTML 2Page - International Rectifier IRS2136D Datasheet HTML 3Page - International Rectifier IRS2136D Datasheet HTML 4Page - International Rectifier IRS2136D Datasheet HTML 5Page - International Rectifier IRS2136D Datasheet HTML 6Page - International Rectifier IRS2136D Datasheet HTML 7Page - International Rectifier IRS2136D Datasheet HTML 8Page - International Rectifier IRS2136D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.irf.com
5
IRS213(6,62,63,65,66,67,68)D(J&S)PbF
Static Electrical Characteristics - (Continued)
VBIAS (VCC,VBS1,2,3) = 15 V unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are
applicable to all six channels (HIN1,2,3/HIN1,2,3 and LIN1,2,3). The VO and IO parameters are referenced to COM and
VS1,2,3 and are applicable to the respective output leads: LO1,2,3 and HO1,2,3.
Symbol
Definition
Min. Typ. Max. Units
Test
Conditions
IRCIN
RCIN input bias current
—
—
1
µA
VRCIN= 0 V or
15 V
IO+
Output high short circuit pulsed current
120
200
—
Vo =0 V,
PW ≤10 µs
IO-
Output low short circuit pulsed current
250
350
—
mA
Vo =15 V,
PW ≤10 µs
Ron_RCIN
RCIN low on resistance
—
50
100
Ron_FAULT
FAULT low on resistance
—
50
100
I= 1.5 mA
RBS
Internal BS diode RON
—
200
—
Ω
Note 1:
Please refer to Feature Description section for integrated bootstrap functionality information.
Dynamic Electrical Characteristics
Dynamic Electrical Characteristics VCC = VBS = VBIAS = 15 V, VS1,2,3 = VSS = COM, TA = 25 °C and CL = 1000 pF unless
otherwise specified.
Symbol
Definition
Min. Typ. Max. Units
Test
Conditions
ton
Turn-on propagation delay
400
530
750
toff
Turn-off propagation delay
400
530
750
ton (66,67)
Turn-on propagation delay
—
200
—
toff(66,67)
Turn-off propagation delay
—
200
—
tr
Turn-on rise time
—
125
190
tf
Turn-off fall time
—
50
75
VIN = 0 V & 5 V
tEN
ENABLE low to output shutdown propagation
delay
350
460
650
tEN (66,67)
ENABLE low to output shutdown propagation
delay
—
300
—
VIN, VEN = 0 V
or 5 V
tITRIP
ITRIP to output shutdown propagation delay
500
750 1200
VITRIP =5 V
tbl
ITRIP blanking time
—
400
—
tFLT
ITRIP to FAULT propagation delay
400
600
950
VIN = 0 V or 5 V
VITRIP = 5 V
tFILIN
Input filter time (HIN, LIN)
(IRS213(6,62,63,65,68)D only)
200
350
510
VIN = 0 V & 5 V
tfilterEN
Enable input filter time
(IRS213(6,62,63,65,68)D only)
100
200
—
DT
Deadtime
190
290
420
VIN = 0 V & 5 V
external dead
time
MT
ton, toff matching time (on all six channels)
—
—
50
External dead
time >420 ns
MDT
DT matching (Hi->Lo & Lo->Hi on all channels)
—
—
60
External dead
time 0 s
PM
Pulse width distortion (pwin-pwout)
—
—
75
ns
PW input=10 µs
tFLTCLR
FAULT clear time RCIN: R = 2 MΩ, C = 1 nF
1.3
1.65
2
ms
VIN = 0 V or 5 V
VITRIP = 0 V
Note 2:
For high side PWM, HIN pulse width must be ≥ 500 ns.
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com