Electronic Components Datasheet Search
  English  ▼

X  

IRS2136D Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2136D
Description  3-PHASE BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2136D Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2136D Datasheet HTML 4Page - International Rectifier IRS2136D Datasheet HTML 5Page - International Rectifier IRS2136D Datasheet HTML 6Page - International Rectifier IRS2136D Datasheet HTML 7Page - International Rectifier IRS2136D Datasheet HTML 8Page - International Rectifier IRS2136D Datasheet HTML 9Page - International Rectifier IRS2136D Datasheet HTML 10Page - International Rectifier IRS2136D Datasheet HTML 11Page - International Rectifier IRS2136D Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.irf.com
8
IRS213(6,62,63,65,66,67,68)D(J&S)PbF
Lead Definitions
Symbol
Description
VCC
Low side supply voltage
VSS
Logic ground
HIN1,2,3
HIN1,2,3
Logic inputs for high side gate driver outputs (HO1,2,3), out of phase [IRS213(6,63,65,66,67,68)D]
Logic inputs for high side gate driver outputs (HO1,2,3), in phase (IRS21362D)
LIN1,2,3
Logic input for low side gate driver outputs (LO1,2,3), out of phase
FAULT
Indicates over-current (ITRIP) or low-side undervoltage lockout has occurred. Negative logic, open-
drain output
EN
Logic input to enable I/O functionality. I/O logic functions when ENABLE is high (i.e., positive logic)
No effect on FAULT and not latched
ITRIP
Analog input for overcurrent shutdown. When active, ITRIP shuts down outputs and activates FAULT
and RCIN low. When ITRIP becomes inactive, FAULT stays active low for an externally set time
TFLTCLR, then automatically becomes inactive (open-drain high impedance).
RCIN
External RC network input used to define FAULT CLEAR delay, TFLTCLR, approximately equal to R*C
When RCIN>8 V, the FAULT pin goes back into open-drain high-impedance
COM
Low side gate drivers return
VB1,2,3
High side floating supply
HO1,2,3
High side gate driver outputs
VS1,2,3
High voltage floating supply return
LO1,2,3
Low side driver sourcing outputs
Note
: LIN, HIN, EN, and ITRIP are internally clamped with a 5.2 V zener diode.
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com