Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP5951
Description  Micropower, 150mA Low-Dropout CMOS Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5951 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP5951 Datasheet HTML 1Page - National Semiconductor (TI) LP5951 Datasheet HTML 2Page - National Semiconductor (TI) LP5951 Datasheet HTML 3Page - National Semiconductor (TI) LP5951 Datasheet HTML 4Page - National Semiconductor (TI) LP5951 Datasheet HTML 5Page - National Semiconductor (TI) LP5951 Datasheet HTML 6Page - National Semiconductor (TI) LP5951 Datasheet HTML 7Page - National Semiconductor (TI) LP5951 Datasheet HTML 8Page - National Semiconductor (TI) LP5951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagram
5-Lead Small Outline Package
SOT23-5 (MF)
20136202
Top View
See NS Package Number MF05A
Pin Descriptions
Pin
Number
Pin Name
Description
1V
IN
Input Voltage. Input range: 1.8V to 5.5V
2
GND
Ground
3
EN
Enable pin logic input: Low = shutdown, High = normal operation. This pin should not be left
floating.
4
NC
No internal connection
5V
OUT
Regulated output voltage
Order Information
For 5-Lead Small Outline Package SOT23-5 (MF)
Output
Voltage (V)
LP5951 Supplied as 1000 Units,
Tape and Reel
LP5951 Supplied as 3000 Units,
Tape and Reel
Flow
Package
Marking
1.3
LP5951MF-1.3
LP5951MFX-1.3
LKRB
LP5951MF-1.3
LP5951MFX-1.3
NOPB LKRB
1.5
LP5951MF-1.5
LP5951MFX-1.5
LKAB
LP5951MF-1.5
LP5951MFX-1.5
NOPB LKAB
1.8
LP5951MF-1.8
LP5951MFX-1.8
LKBB
LP5951MF-1.8
LP5951MFX-1.8
NOPB LKBB
2.0
LP5951MF-2.0
LP5951MFX-2.0
LKCB
LP5951MF-2.0
LP5951MFX-2.0
NOPB LKCB
2.5
LP5951MF-2.5
LP5951MFX-2.5
LKEB
LP5951MF-2.5
LP5951MFX-2.5
NOPB LKEB
2.8
LP5951MF-2.8
LP5951MFX-2.8
LKFB
LP5951MF-2.8
LP5951MFX-2.8
NOPB LKFB
3.0
LP5951MF-3.0
LP5951MFX-3.0
LKGB
LP5951MF-3.0
LP5951MFX-3.0
NOPB LKGB
3.3
LP5951MF-3.3
LP5951MFX-3.3
LKHB
LP5951MF-3.3
LP5951MFX-3.3
NOPB LKHB
Note: The package marking on the backside of the component designates the date code and a NSC internal code for die traceability. It will vary considerably.
SOT23-5: ZWTT
with:
Z: 1 Digit Assembly Plant Code,
W: 1 Digit Date Code,
TT: 2 Digit Dierun Code
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com