Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP5951
Description  Micropower, 150mA Low-Dropout CMOS Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5951 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP5951 Datasheet HTML 1Page - National Semiconductor (TI) LP5951 Datasheet HTML 2Page - National Semiconductor (TI) LP5951 Datasheet HTML 3Page - National Semiconductor (TI) LP5951 Datasheet HTML 4Page - National Semiconductor (TI) LP5951 Datasheet HTML 5Page - National Semiconductor (TI) LP5951 Datasheet HTML 6Page - National Semiconductor (TI) LP5951 Datasheet HTML 7Page - National Semiconductor (TI) LP5951 Datasheet HTML 8Page - National Semiconductor (TI) LP5951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP5951
Micropower, 150mA Low-Dropout CMOS Voltage
Regulator
General Description
The LP5951 regulator is designed to meet the requirements
of portable, battery-powered systems providing a regulated
output voltage and low quiescent current. When switched to
shutdown mode via a logic signal at the Enable pin, the
power consumption is reduced to virtually zero.
The LP5951 is designed to be stable with small 1µF/1.5µF
ceramic capacitors.
The LP5951 also features internal protection against short-
circuit currents and over-temperature conditions.
Performance is specified for a -40˚C to 125˚C temperature
range.
The device is currently available in SOT23-5 package and
will be available in SC70-5 package soon.
The device is available in fixed output voltages in the range
of 1.3V to 3.3V. For availability, please contact your local
NSC sales office.
Features
n
Excellent line transient response: ±2mV typ.
n
Excellent PSRR: -60dB at 1kHz typ.
n
Low quiescent current of 29µA typ.
n
1.8 to 5.5V input voltage range
n
Small SOT23-5 package
n
Fast turn-on time of 30µs typ.
n
Typ. < 1nA quiescent current in shutdown
n
Guaranteed 150mA output current
n
Output voltage range: 1.3V to 3.3V
n
Logic controlled enable 0.4V/0.9V
n
Good load transient response of 50mVpp typ.
n
Thermal-overload and short-circuit protection
n
-40˚C to +125˚C junction temperature range
Applications
n
General purpose
Typical Application Circuit
20136201
June 2006
© 2006 National Semiconductor Corporation
DS201362
www.national.com


Similar Part No. - LP5951

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Texas Instruments
LP5951 TI1-LP5951 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951 TI2-LP5951 Datasheet
902Kb / 29P
LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
REVISED DECEMBER 2014
logo
Unisonic Technologies
LP5951G-XX-SH2-R UTC-LP5951G-XX-SH2-R Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
LP5951G-XX-SH2-T UTC-LP5951G-XX-SH2-T Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
More results

Similar Description - LP5951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com