Electronic Components Datasheet Search
  English  ▼

X  

MBB0207 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MBB0207
Description  Lead (Pb)-Free Precision Leaded Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBB0207 Datasheet(HTML) 6 Page - Vishay Siliconix

  MBB0207 Datasheet HTML 1Page - Vishay Siliconix MBB0207 Datasheet HTML 2Page - Vishay Siliconix MBB0207 Datasheet HTML 3Page - Vishay Siliconix MBB0207 Datasheet HTML 4Page - Vishay Siliconix MBB0207 Datasheet HTML 5Page - Vishay Siliconix MBB0207 Datasheet HTML 6Page - Vishay Siliconix MBB0207 Datasheet HTML 7Page - Vishay Siliconix MBB0207 Datasheet HTML 8Page - Vishay Siliconix MBB0207 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 28725
For technical questions contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 20-Sep-05
61
MBA 0204, MBB 0207, MBE 0414 - Precision
Lead (Pb)-Free Precision Leaded Resistors
Vishay Beyschlag
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 140000 / IEC 60115-1, Generic specification (includes
tests)
EN 140100 / IEC 60115-2, Sectional specification (includes
schedule for qualification approval)
CECC 40101-806, Detail specification (includes schedule for
conformance inspection)
Most of the components are approved in accordance with the
European CECC-system, where applicable. The Test
Procedures and Requirements table contains only the most
important tests. For the full test schedule refer to the
documents listed above. The testing also covers most of the
requirements specified by EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60068 and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower Category Temperature, Upper
Category Temperature; damp heat, long term, 56 days) is
valid.
Unless otherwise specified the following values apply:
Temperature: 15
°C to 35 °C
Relative humidity: 45 to 75
Air pressure: 86 kPa to 106 kPa (860 mbar to 1 060 mbar).
For testing the components are mounted on a test board in
accordance with IEC 60115-1, 4.31 unless otherwise
specified.
In the Test Procedures and Requirements table, only the
tests and requirements are listed with reference to the
relevant clauses of IEC 60115-1 and IEC 60 068-2; a short
description of the test procedure is also given.
TEST PROCEDURES AND REQUIREMENTS
IEC
60 115-1
CLAUSE
IEC
60 068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
∆R/R)
stability for product
types:
stability
class 0.05
stability
class 0.1
stability
class 0.25
MBA 0204
100
Ω to 100 kΩ
43
Ω to < 100 Ω;
> 100 k
Ω to 221 kΩ
22
Ω to < 43 Ω;
> 221 k
Ω to 332 kΩ
MBB 0207
100
Ω to 270 kΩ
43
Ω to < 100 Ω;
> 270 k
Ω to 510 kΩ
10
Ω to < 43 Ω;
> 510 k
Ω to 1 MΩ
MBE 0414
100
Ω to 470 kΩ
43
Ω to <100 Ω;
> 470 k
Ω to 1 MΩ
22
Ω to < 43 Ω;
> 1 M
Ω to 1.5 MΩ
4.5
−
resistance
−± 0.25 %; ± 0.1 %
4.8.4.2
−
temperature
coefficient
at 20 / LCT / 20
°C
and 20 / UCT / 20
°C
± 25 ppm/K; ±15 ppm/K
4.25.1
−
endurance at
70
°C:
precision
operation
mode
U =
or
U = Umax;
1.5 h on; 0.5 h off
70
°C; 1000 h
± (0.05 % +0.01 Ω)(1)
± (0.1 % + 0.01 Ω)
± (0.25 % + 0.05 Ω)(2)
70
°C; 8000 h
± (0.1 % + 0.01 Ω)
± (0.2 % + 0.01 Ω)
± (0.5 % + 0.05 Ω)
−
endurance at
70
°C:
standard
operation
mode
U =
or
U = Umax;
1.5 h on; 0.5 h off
P
70
R
×
P
70
R
×



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com