Electronic Components Datasheet Search
  English  ▼

X  

MBB0207 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBB0207
Description  Lead (Pb)-Free Precision Leaded Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBB0207 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBB0207 Datasheet HTML 1Page - Vishay Siliconix MBB0207 Datasheet HTML 2Page - Vishay Siliconix MBB0207 Datasheet HTML 3Page - Vishay Siliconix MBB0207 Datasheet HTML 4Page - Vishay Siliconix MBB0207 Datasheet HTML 5Page - Vishay Siliconix MBB0207 Datasheet HTML 6Page - Vishay Siliconix MBB0207 Datasheet HTML 7Page - Vishay Siliconix MBB0207 Datasheet HTML 8Page - Vishay Siliconix MBB0207 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Lead (Pb)-Free Precision Leaded Resistors
www.vishay.com
For technical questions contact: ff3cresistors@vishay.com
Document Number: 28725
56
Revision: 20-Sep-05
MBA 0204, MBB 0207, MBE 0414 - Precision
Vishay Beyschlag
FEATURES
• Approved according to CECC 40101-806
• Advanced thin film technology
• Low TC: ± 15 to ± 25 ppm/K
• Precision tolerance of value: ± 0.1 % and ± 0.25 %
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible with “Restriction of the use of Hazardous
Substances” (RoHS) directive 2002/95/EC (issue 2004)
• Superior overall stability: class 0.05
• Wide precision range: 10 Ω to 1.5 MΩ
APPLICATIONS
• Test and measuring equipment
• Industrial electronics
• Medical electronics.
METRIC SIZE
DIN:
0204
0207
0414
CECC:
AB
D
DESCRIPTION
MBA 0204, MBB 0207 and MBE 0414 precision leaded thin
film
resistors
combine
the
proven
reliability
of
the
professional products with an advanced level of precision
and stability. Therefore they are perfectly suited for
applications in the fields of test and measuring equipment
along with industrial and medical electronics.
TECHNICAL SPECIFICATIONS
DESCRIPTION
MBA 0204
MBB 0207
MBE 0414
CECC size
AB
D
Resistance range
22
Ω to 332 kΩ
10
Ω to 1 MΩ
22
Ω to 1.5 MΩ
Resistance tolerance
± 0.25 %; ± 0.1 %
Temperature coefficient
± 25 ppm/K; ± 15 ppm/K
Operation mode
precision
standard
precision
standard
precision
standard
Climatic category (LCT/UCT/days)
10/85/56
55/125/56
10/85/56
55/125/56
10/85/56
55/125/56
Rated dissipation, P70
0.07 W
0.25 W
0.11 W
0.40 W
0.17 W
0.65 W
Operating voltage, Umax AC/DC
200 V
300 V
500 V
Film temperature
85
°C125 °C85 °C
125
°C85 °C
125
°C
Max. resistance change at P70
100
Ω to 100 kΩ
100
Ω to 270 kΩ
100
Ω to 470 kΩ
1000 h
≤ 0.05 %
≤ 0.25 %
≤ 0.03 %
≤ 0.15 %
≤ 0.05 %
≤ 0.25 %
8000 h
≤ 0.1 %
≤ 0.5 %
≤ 0.1 %
≤ 0.5 %
≤ 0.1 %
≤ 0.5 %
225000 h
≤ 0.3 %
≤ 1.5 %
≤ 0.3 %
≤ 1.5 %
≤ 0.3 %
≤ 1.5 %
Specified lifetime
225 000 h
225 000 h
225000 h
Permissible voltage against ambient :
1 minute
300 V
500 V
800 V
continuous
75 V
75 V
75 V
Failure rate
≤ 0.7 × 10−9/h
≤ 0.3 × 10−9/h
≤ 0.1 × 10−9/h


Similar Part No. - MBB0207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBB0207 ETC2-MBB0207 Datasheet
904Kb / 16P
Professional leaded resistors
logo
Vishay Siliconix
MBB0207 VISHAY-MBB0207 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBB0207 VISHAY-MBB0207 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBB0207 VISHAY-MBB0207 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBB0207 VISHAY-MBB0207 Datasheet
182Kb / 15P
Professional Thin Film Leaded Resistors
02-Nov-15
More results

Similar Description - MBB0207

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW06035K11FHEAP VISHAY-CRCW06035K11FHEAP Datasheet
107Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
03-Apr-13
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
Lead (Pb)-free Commodity Thick Film Chip Resistors
06-Jun-12
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
DCRCWPE3 VISHAY-DCRCWPE3 Datasheet
99Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
07-Apr-14
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
07-Apr-14
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
28-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com