Electronic Components Datasheet Search
  English  ▼

X  

DH221HLCSWNT Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # DH221HLCSWNT
Description  Illuminated Pushbutton - 22, 25 & 30mm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DH221HLCSWNT Datasheet(HTML) 2 Page - CIT Relay & Switch

  DH221HLCSWNT Datasheet HTML 1Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 2Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 3Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 4Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 5Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 6Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 7Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 8Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2.54
[.10]
5.08
[ 20]
5.08
[20]
2.54
[10]
(2X) 0.30
[.01]
(2X) 0.40
[.02]
2.60
[ 10]
[.02]
[]
POS. 1
POS. 3
POS.2
[.77]
2.00
[.08]
Specifications and availability subject to change without notice.
Dimensions are shown for reference purposes only.
DH Rev C 11/2022
20550 Commerce Blvd, Rogers, MN 55374 USA
Sales (763) 535-2339
www.CITRelay.com
email: sales@CITRelay.com
2 of 13
DH
Illuminated Pushbutton - 22, 25 & 30mm
1. Series
DH22
1
N
B
B
R
Z
DH22 - 1 Pole only
DH25
DH30
Contact factory for 2 Pole DH22 option
2. Number of Poles
1 = SPST NO + SPST NC
2 = DPST NO + DPST NC not available with DH22
3. Bezel Style
Blank = Standard Bezel
H = Straight Bezel
4. Latching Option
N = Momentary
L = Latching
5. Actuator Style:
A = Flush actuator, non-illuminated
B = Flush actuator, ring illuminated
C = Flush actuator, dot illuminated
G = Flush actuator, international standby symbol illuminated
EC = Epoxy Convex actuator, contact factory for details
MR = Mushroom, red anodized aluminum only available with DH22 & DH25
MRC = Mushroom, red anodized aluminum, dot illuminated only available with DH22 & DH25
6. Switch Finish
B = Black anodized aluminum
G = Green anodized aluminum
R = Red anodized aluminum
S = Brushed stainless steel
U = Blue anodized aluminum
Y = Yellow anodized aluminum
7. LED Color
Z = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White
O = Orange
RGB only available with DH22
RO = Red / Orange dual LED
RY = Red / Yellow dual LED
RG = Red / Green dual LED
RB = Red / Blue dual LED
OY = Orange / Yellow dual LED
OG = Orange / Green dual LED
OB = Orange / Blue dual LED
YG = Yellow / Green dual LED
YB = Yellow / Blue dual LED
GB = Green / Blue dual LED
* Contact Factory for other LED options
8. LED Voltage
Z = No LED
N = No internal resistor in series with the LED
6 = 6V
12 = 12V
24 = 24V
110 = 110V
220 = 220V
9. Terminal Option
Blank = .100” Quick Connect, standard
T = Screw Terminals, only available with 1 pole not available on DH28
OPTIONAL Socket Housing available
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com