Electronic Components Datasheet Search
  English  ▼

X  

DH221HLCSWNT Datasheet(PDF) 7 Page - CIT Relay & Switch

Part # DH221HLCSWNT
Description  Illuminated Pushbutton - 22, 25 & 30mm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DH221HLCSWNT Datasheet(HTML) 7 Page - CIT Relay & Switch

Back Button DH221HLCSWNT Datasheet HTML 3Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 4Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 5Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 6Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 7Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 8Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 9Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 10Page - CIT Relay & Switch DH221HLCSWNT Datasheet HTML 11Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2.54
[.10]
5.08
[ 20]
5.08
[20]
2.54
[10]
(2X) 0.30
[.01]
(2X) 0.40
[.02]
2.60
[ 10]
[.02]
[]
POS. 1
POS. 3
POS.2
[.77]
2.00
[.08]
Specifications and availability subject to change without notice.
Dimensions are shown for reference purposes only.
DH Rev C 11/2022
20550 Commerce Blvd, Rogers, MN 55374 USA
Sales (763) 535-2339
www.CITRelay.com
email: sales@CITRelay.com
7 of 13
Illuminated Pushbutton - 25mm
DH
25mm - Actuator Styles, available in Single Pole & Double Pole
Dimensions
Ø28.00
[1.10]
2.00
[.08]
28.00
[1.10]
9.53
[.38]
11.50 MAX
[.45]
10.52
[.41]
2.80 TYP
[.11]
0.50 TYP
[.02]
28.00
[1.10]
32.00
[1.26]
Ø19.80
[Ø0.78]
Illuminated
Ring
Ø10.60
[Ø0.42]
Illuminated
Symbol
Ø18.00
[Ø0.71]
M25X1.0
2.80 X 0.50 TYP
[.11 X .02]
Ø35.10
[Ø1.38]
13.00
[.51]
9.53
[.38]
24.72
[.97]
1.98
[.08]
8.25 MAX
[.32]
10.52
[.41]
Ø9.30
[Ø0.37]
Illuminated
12.73
[.50]
Ø35.10
[Ø1.38]
9.53
[.38]
24.72
[.97]
1.98
[.08]
10.52
[.41]
8.25 MAX
[.32]
G Non-Latching
MR Non-Latching
MRC Non-Latching
Ø28.00
[1.10]
2.00
[.08]
30.65
[1.21]
9.53
[.38]
13.50 MAX
[.53]
10.52
[.41]
2.80 TYP
[.11]
0.50 TYP
[.02]
28.00
[1.10]
32.00
[1.26]
Ø19.80
[Ø0.78]
Illuminated
Ring
Ø10.60
[Ø0.42]
Illuminated
Symbol
Ø18.00
[Ø0.71]
M25X1.0
2.80 X 0.50 TYP
[.11 X .02]
Ø35.10
[Ø1.38]
13.00
[.51]
9.53
[.38]
24.72
[.97]
1.98
[.08]
8.25 MAX
[.32]
10.52
[.41]
Ø9.30
[Ø0.37]
Illuminated
12.73
[.50]
Ø35.10
[Ø1.38]
9.53
[.38]
24.72
[.97]
1.98
[.08]
10.52
[.41]
8.25 MAX
[.32]
G Latching
MR Latching
MRC Latching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com