Electronic Components Datasheet Search
  English  ▼

X  

REH Datasheet(PDF) 3 Page - AVX Corporation

Part # REH
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REH Datasheet(HTML) 3 Page - AVX Corporation

  REH Datasheet HTML 1Page - AVX Corporation REH Datasheet HTML 2Page - AVX Corporation REH Datasheet HTML 3Page - AVX Corporation REH Datasheet HTML 4Page - AVX Corporation REH Datasheet HTML 5Page - AVX Corporation REH Datasheet HTML 6Page - AVX Corporation REH Datasheet HTML 7Page - AVX Corporation REH Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
53
Radial Leaded Aluminum Electrolytic Capacitors
REH Series
Part No.
Case Size
Capacitance
(µF)
Rated Voltage
(V)
DF Max.
(%)
100kHz RMS Current
(mA) / 125°C
10 Volt
REH0511101M010*
0511
100
10
24
80
REH0612331M010*
0612
330
10
24
180
REH0811331M010*
0811
330
10
24
360
REH0812471M010*
0812
470
10
24
360
REH1013471M010*
1013
470
10
24
620
REH0812681M010*
0812
680
10
24
400
REH1013681M010*
1013
680
10
24
620
REH1016102M010*
1016
1000
10
24
660
REH1020102M010*
1020
1000
10
24
960
REH1225222M010*
1225
2200
10
24
1430
REH1625332M010*
1625
3300
10
24
1900
REH1630472M010*
1630
4700
10
24
2300
16 Volt
REH0511101M016*
0511
100
16
20
90
REH0611221M016*
0611
220
16
20
125
REH0812331M016*
0812
330
16
20
360
REH0812471M016*
0812
470
16
20
360
REH1013471M016*
1013
470
16
20
620
REH1020102M016*
1020
1000
16
20
960
REH1025222M016*
1025
2200
16
20
980
REH1225222M016*
1225
2200
16
20
1430
REH1630332M016*
1630
3300
16
20
2300
REH1635472M016*
1635
4700
16
20
2550
25 Volt
REH0511470M025*
0511
47
25
18
60
REH0512680M025*
0512
68
25
18
90
REH0611101M025*
0611
100
25
18
145
REH0812331M025*
0812
330
25
18
360
REH1013331M025*
1013
330
25
18
620
REH1013471M025*
1013
470
25
18
640
REH1020102M025*
1020
1000
25
18
960
REH1630222M025*
1630
2200
25
18
2300
REH1635332M025*
1630
3300
25
18
2550
35 Volt
REH0612101M035*
0612
100
35
16
210
REH0811101M035*
0811
100
35
16
360
REH0812221M035*
0812
220
35
16
375
REH1013221M035*
1013
220
35
16
620
REH0816331M035*
0816
330
35
16
550
REH1013331M035*
1013
330
35
16
620
REH1016331M035*
1016
330
35
16
800
REH1016471M035*
1016
470
35
16
705
REH1020471M035*
1020
470
35
16
960
REH1220681M035*
1220
680
35
16
990
REH1220102M035*
1220
1000
35
16
1180
REH1225102M035*
1225
1000
35
16
1430
REH1635222M035*
1635
2200
35
16
2550
REH1225152M035*
1225
1500
35
16
2230
REH1225182M035*
1225
1800
35
16
2300
REH1835332M035B
1835
3300
35
16
2800
50 Volt
REH05111R0M050*
0511
1.0
50
14
26
REH05112R2M050*
0511
2.2
50
14
35
REH08112R2M050*
0811
2.2
50
14
50
REH05113R3M050*
0511
3.3
50
14
40
REH08113R3M050*
0813
3.3
50
14
70
REH05114R7M050*
0511
4.7
50
14
42
REH08114R7M050*
0811
4.7
50
14
100
REH0511100M050*
0511
10
50
14
90
REH0512220M050*
0512
22
50
14
110
REH0811220M050*
0811
22
50
14
260
REH0811330M050*
0811
33
50
14
300
RATINGS & PART NUMBER REFERENCE
TDS-ALUM-0015 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com