Electronic Components Datasheet Search
  English  ▼

X  

REH Datasheet(PDF) 4 Page - AVX Corporation

Part # REH
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REH Datasheet(HTML) 4 Page - AVX Corporation

  REH Datasheet HTML 1Page - AVX Corporation REH Datasheet HTML 2Page - AVX Corporation REH Datasheet HTML 3Page - AVX Corporation REH Datasheet HTML 4Page - AVX Corporation REH Datasheet HTML 5Page - AVX Corporation REH Datasheet HTML 6Page - AVX Corporation REH Datasheet HTML 7Page - AVX Corporation REH Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
54
Radial Leaded Aluminum Electrolytic Capacitors
REH Series
Part No.
Case Size
Capacitance
(µF)
Rated Voltage
(V)
DF Max.
(%)
100kHz RMS Current
(mA) / 125°C
REH0611470M050*
0611
47
50
14
180
REH0811470M050*
0811
47
50
14
300
REH0812101M050*
0812
100
50
14
340
REH1013101M050*
1013
100
50
14
520
REH0816221M050*
0816
220
50
14
520
REH1013221M050*
1013
220
50
14
520
REH1016331M050*
1016
330
50
14
530
REH1220331M050*
1220
330
50
14
1000
REH1020471M050*
1020
470
50
14
950
REH1225471M050*
1225
470
50
14
1200
REH1220681M050*
1220
680
50
14
1060
REH1620681M050*
1620
680
50
14
1250
REH1225102M050*
1225
1000
50
14
1500
REH1630102M050*
1630
1000
50
14
2180
REH1840222M050B
1840
2200
50
14
2800
63 Volt
REH0612330M063*
0612
33
63
12
150
REH0811330M063*
0811
33
63
12
250
REH0812470M063*
0812
47
63
12
250
REH1013470M063*
1013
47
63
12
400
REH0812101M063*
0812
100
63
12
340
REH1016101M063*
1016
100
63
12
450
REH1016221M063*
1016
220
63
12
450
REH1220221M063*
1220
220
63
12
820
REH1220331M063*
1220
330
63
12
850
REH1225331M063*
1225
330
63
12
1000
REH1325471M063*
1325
470
63
12
1000
REH1625471M063*
1625
470
63
12
1500
REH1630102M063*
1630
1000
63
12
1850
80 Volt
REH05114R7M080*
0511
4.7
80
12
26
REH0511100M080*
0511
10
80
12
68
REH0611220M080*
0611
22
80
12
105
REH0612330M080*
0612
33
80
12
105
REH0812330M080*
0812
33
80
12
250
REH0812680M080*
0812
68
80
12
250
REH0816101M080*
0816
100
80
12
400
REH1016151M080*
1016
150
80
12
450
REH1020221M080*
1020
220
80
12
750
REH1220331M080*
1220
300
80
12
850
100 Volt
REH05114R7M100*
0511
4.7
100
10
40
REH08114R7M100*
0811
4.7
100
10
100
REH0611100M100*
0611
10
100
10
130
REH0811100M100*
0811
10
100
10
200
REH0812220M100*
0812
22
100
10
220
REH0812330M100*
0812
33
100
10
220
REH1013330M100*
1013
33
100
10
260
REH0816470M100*
0816
47
100
10
240
REH1016470M100*
1016
47
100
10
330
REH1016101M100*
1016
100
100
10
350
REH1220101M100*
1220
100
100
10
670
REH1320221M100*
1320
220
100
10
720
REH1625221M100*
1625
220
100
10
1100
REH1625331M100*
1625
330
100
10
1300
REH1630331M100*
1630
330
100
10
1300
REH1830471M100B
1830
470
100
10
1600
120 Volt
REH0812220M120*
0812
22
120
12
115
REH0816330M120*
0816
33
120
12
200
REH1016470M120*
1016
47
120
12
240
REH1016680M120*
1016
68
120
12
255
REH1020820M120*
1020
82
120
12
270
REH1220121M120*
1220
120
120
12
465
REH1620221M120*
1620
220
120
12
630
TDS-ALUM-0015 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com