Electronic Components Datasheet Search
  English  ▼

X  

REF0812101M050 Datasheet(PDF) 2 Page - AVX Corporation

Part # REF0812101M050
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REF0812101M050 Datasheet(HTML) 2 Page - AVX Corporation

  REF0812101M050 Datasheet HTML 1Page - AVX Corporation REF0812101M050 Datasheet HTML 2Page - AVX Corporation REF0812101M050 Datasheet HTML 3Page - AVX Corporation REF0812101M050 Datasheet HTML 4Page - AVX Corporation REF0812101M050 Datasheet HTML 5Page - AVX Corporation REF0812101M050 Datasheet HTML 6Page - AVX Corporation REF0812101M050 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
45
REF Series
CAPACITANCE AND RATED VOLTAGE RANGE (FIGURES DENOTES CASE SIZE)
TECHNICAL SPECIFICATIONS
Category Temperature Range:
-40°C to +105°C
Capacitance Range
At 25°C, 120Hz
6.8μF to 6800μF
Capacitance Tolerance:
At 25°C, 120Hz
±20%
Dissipation Factor (%)
Measurement Frequency:
120Hz at 25°C
Please see the ratings and part
number reference table below
Leakage Current:
After 2 minutes at rated
working voltage at 25°C*
I
≦0.01CVor3μA,whicheveris
greater
* Note: In the case of an anomalous reading, re-measure the leakage current after following voltage treatment:
Voltage treatment: DC rated voltage to be applied to the capacitors for 120 minutes at 105°C.
MARKING
Capacitance
Rated Voltage DC (VR)
µF
Code
6.3V
10V
16V
25V
35V
50V
63V
80V
100V
120V
6.8
6R8
0511
0609
10
100
0612
22
220
0512
0612
0812
27
270
1009
33
330
0512
0611
1013
0816
1013
47
470
0511
0612
1013
1016
56
560
0612
1016
68
680
1016
1020
82
820
0812
1013
100
101
0511
0609
0511
0511
0611
0612
0811
0812
0812
1013
1016
1025
120
121
0816
0816
1320
150
151
0511
1013
1013
1016
1020
1225
180
181
0820
220
221
0611
0611
0611
0611
0812
0812
1009
1013
1016
1020
1320
1230
1620
270
271
1016
330
331
0611
0812
1009
0816
1013
1016
1016
1020
1020
1225
1620
1825
470
471
0612
0812
0816
1013
0816
1016
1020
1320
1620
1625
560
561
1016
1220
1320
1825
680
681
0816
1013
0820
1016
1020
1220
1220
1620
1825
1640
1835
820
821
1020
1620
1625
1840
1000
102
0816
0820
1016
1020
1216
1225
1625
1625
1820
1640
1835
1200
122
0802
1016
1025
1620
1500
152
1016
1225
1225
1235
1830
1800
182
1840
2200
222
1020
1220
1225
1225
2700
272
1230
1620
1625
3300
332
1220
1225
1235
1625
3900
392
1265
4700
472
1225
1235
5600
562
1625
6800
682
1625
Released ratings
Radial Leaded Aluminum Electrolytic
Capacitors
TDS-ALUM-0014 | Rev 0
KAVX
REF 105ºC
2140J PET
50V470µF
VOLTAGE/CAPACITANCE
KAVX LOGO
POLARITY BAND (CATHODE)
COMPANY NAME
SERIES/TEMP.
ID/SLEEVE MATERIAL
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com