Electronic Components Datasheet Search
  English  ▼

X  

REF0812101M050 Datasheet(PDF) 6 Page - AVX Corporation

Part # REF0812101M050
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REF0812101M050 Datasheet(HTML) 6 Page - AVX Corporation

  REF0812101M050 Datasheet HTML 1Page - AVX Corporation REF0812101M050 Datasheet HTML 2Page - AVX Corporation REF0812101M050 Datasheet HTML 3Page - AVX Corporation REF0812101M050 Datasheet HTML 4Page - AVX Corporation REF0812101M050 Datasheet HTML 5Page - AVX Corporation REF0812101M050 Datasheet HTML 6Page - AVX Corporation REF0812101M050 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
49
Radial Leaded Aluminum Electrolytic
Capacitors
REF Series
SOLDERING
1. When soldering with a soldering iron:
• Soldering conditions (temperature and time) should be within the limits prescribed in the catalogs or the product specifications.
• If the terminal spacing of a capacitor does not fit the terminal hole spacing of the PC board, reform the terminals in a manner to minimize a mechanical
stress into the body of the capacitor.
• Remove the capacitors from the PC board, after the solder is completely melted, reworking by using a soldering iron minimizes the mechanical stress to
the capacitors.
• Do not touch the capacitor body with the hot tip of the soldering iron.
2. Flow Soldering:
• Do not dip the body of a capacitor into the solder bath, only dip the terminals in. The soldering must be done on the reverse side of PC board.
• Do not apply flux to any part of capacitors other than their terminals.
• Make sure the capacitors do not come into contact with any other components while soldering.
• Soldering conditions (preheat, solder temperature and dipping time) should be within the limits prescribed in the picture below.
STORAGE
• Store with the temperature range between 5 to 35°C (If between 35 to 85°C, it should be less than three months), and the relative humidity of 75% without
direct sunshine and store in the package states if possible.
• It is recommended that you open the bag just before use and use up as early as possible.
• Store the capacitors in places free from water, oil or salt water or in condensation status.
• Never store in any area filled with poisonous gases (including hydrogen sulfide, sulfurous acid, nitrous acid, chlorine and ammonia).
• Store the capacitors in places free from ozone, ultraviolet rays or radiation:
(Radial Lead Type)
Before unseal: within 1 year after delivery
After opening: within 1 month
Note 1: (1-3ºC/sec.)
Cooling
Soldering
Preheating
Note 2
30-90 sec. <1 sec. <10 sec.
Note 1
Tamb
130±20ºC
260ºC max.
Note 3
Note 2: Approx. 200ºC/sec.
Note 3: 5ºC/sec.(max.)
Time
TDS-ALUM-0014 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com