Electronic Components Datasheet Search
  English  ▼

X  

REH1625331M100 Datasheet(PDF) 2 Page - AVX Corporation

Part # REH1625331M100
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REH1625331M100 Datasheet(HTML) 2 Page - AVX Corporation

  REH1625331M100 Datasheet HTML 1Page - AVX Corporation REH1625331M100 Datasheet HTML 2Page - AVX Corporation REH1625331M100 Datasheet HTML 3Page - AVX Corporation REH1625331M100 Datasheet HTML 4Page - AVX Corporation REH1625331M100 Datasheet HTML 5Page - AVX Corporation REH1625331M100 Datasheet HTML 6Page - AVX Corporation REH1625331M100 Datasheet HTML 7Page - AVX Corporation REH1625331M100 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
52
Radial Leaded Aluminum Electrolytic Capacitors
REH Series
TECHNICAL SPECIFICATIONS
Category Temperature Range: -40°C to +125°C
Capacitance Range:
At 25°C,120Hz
1.0μF - 4700μF
Capacitance Tolerance:
At 25°C,120Hz
±20%
Dissipation Factor (%)
Measurement Frequency:
120Hz at 25°C
Please see the ratings and part number reference table below
Leakage Current
After 2 minutes at rated
working voltage at 25°C*
(10-120V) I≤0.03CV or 3μA, whichever is greater
(CV≤1000 and 160-450V) I≤0.03CV+15μA
(CV>1000 and 160-450V) I≤0.02CV+25μA
* Note: In the case of an anomalous reading, re-measure the leakage current after following voltage treatment:
Voltage treatment: DC rated voltage to be applied to the capacitors for 120 minutes at 125°C.
CAPACITANCE AND RATED VOLTAGE RANGE (FIGURES DENOTES CASE SIZE)
Capacitance
Rated Voltage DC (VR)
µF
Code
10V
16V
25V
35V
50V
63V
80V
100V
120V
160V
200V
250V
350V
400V
450V
1.0
1R0
0511
2.2
2R2
0511
0811
3.3
3R3
0511
0811
4.7
4R7
0511
0811
0511
0511
0811
10
100
0511
0511
0611
0811
0816
1011
0816
1012
0816
1012
1012
1014
1014
1016
1018
1216
22
220
0512
0811
0611
0812
0812
1012
1014
1014
1016
1018
1018
1018
1218
1320
1222
33
330
0811
0612
0811
0612
0812
0812
1013
0816
1220
1222
47
470
0511
0611
0811
0812
1013
0816
1016
1016
1018
1216
1218
1220
1225
1618
1620
1625
1825
1630
68
680
0512
0812
1016
82
820
1020
1220
1620
1235
1625
1820
1825
1825
1835
100
101
0511
0511
0611
0612
0811
0812
1013
0812
1016
0816
1016
1220
1225
1618
1625
1630
1825
1630
1825
1830
1840
120
121
1220
150
151
1016
220
221
0611
0812
1013
0816
1013
1016
1220
1020
1320
1625
1620
270
271
1625
330
331
0612
0811
0812
0812
1013
0816
1013
1016
1016
1220
1220
1225
1220
1625
1630
1825
470
471
0812
1013
0812
1013
1013
1016
1020
1020
1225
1325
1625
1830
680
681
0812
1013
1220
1220
1620
1000
102
1016
1020
1020
1020
1220
1225
1225
1630
1630
1500
152
1225
1800
182
1225
2200
222
1225
1025
1225
1630
1635
1840
3300
332
1625
1630
1635
1835
4700
472
1630
1635
Released ratings
MARKING
TDS-ALUM-0015 | Rev 0
KAVX
REH 125ºC
2140J PET
50V470µF
VOLTAGE/CAPACITANCE
KAVX LOGO
POLARITY BAND (CATHODE)
COMPANY NAME
SERIES/TEMP.
ID/SLEEVE MATERIAL
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com