Electronic Components Datasheet Search
  English  ▼

X  

REH1625331M100 Datasheet(PDF) 6 Page - AVX Corporation

Part # REH1625331M100
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REH1625331M100 Datasheet(HTML) 6 Page - AVX Corporation

  REH1625331M100 Datasheet HTML 1Page - AVX Corporation REH1625331M100 Datasheet HTML 2Page - AVX Corporation REH1625331M100 Datasheet HTML 3Page - AVX Corporation REH1625331M100 Datasheet HTML 4Page - AVX Corporation REH1625331M100 Datasheet HTML 5Page - AVX Corporation REH1625331M100 Datasheet HTML 6Page - AVX Corporation REH1625331M100 Datasheet HTML 7Page - AVX Corporation REH1625331M100 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
56
Radial Leaded Aluminum Electrolytic Capacitors
REH Series
QUALIFICATION TABLE
Test
REH Series (Temperature Range -40°C to +125°C)
Condition
Characteristics
Low Temperature Characteristics
(Max. Impedance Ratio)
At 120Hz
Rated Voltage (V)
10
16
25-100
120
160-250
350-400 450
Z(-25°C)/Z(+20°C)
3
2
2
3
3
6
6
Z(-40°C)/Z(+20°C)
6
4
3
6
8
10
15
Endurance
The following specifications shall be
satisfied when the capacitors are restored
to 20°C after DC voltage plus rated ripple
current is applied for a specified period of
time at 125°C.
Visual Examination
no visible damage
ΔC/C
≦±30%oftheinitiallimit
DF
≦300%oftheinitialspecifiedlimit
DCL
≦theinitialspecifiedlimit
RATED RIPPLE CURRENT MULTIPLIERS (FREQUENCY CORRECTION FACTOR FOR RIPPLE CURRENT)
10 to 120 Vdc
160 to 400 Vdc
Freq.(Hz)
Cap.(µF)
50/60
120
1K
10K
100K
Freq.(Hz)
Cap.(µF)
120
1K
10K
100K
C < 10
0.35
0.42
0.60
0.80
1.00
<100
0.15
0.30
0.45
0.65
10 ≤ C < 47
0.45
0.55
0.75
0.90
1.00
≥100
0.25
0.35
0.50
0.70
47 ≤ C < 470
0.60
0.70
0.85
0.95
1.00
470 ≤ C < 2200
0.65
0.75
0.90
0.98
1.00
C ≥ 2200
0.75
0.80
0.95
1.00
1.00
TDS-ALUM-0015 | Rev 0
Load Life
The following specifications shall be
satisfied when the capacitors are restored
to 20°C after DC voltage plus rated ripple
current is applied for a specified period of
time at 125°C.
Voltage: 10V-120V
Voltage: 160V-450V
Diameter (mm)
Load life (hours)
2000 hours
ØD≤6.3
2000
ØD=8
3000
ØD=10
4000
ØD≥12.5
5000
Shelf Life
The following specifications shall be
satisfied when the capacitors are restored
to 20°C after leaving them under no load at
105°C for 1000 hours.
Voltage: 10V-120V
Voltage: 160V-450V
Visual Examination
no visible damage
no visible damage
ΔC/C
≦±30%oftheinitiallimit ≦±20%oftheinitiallimit
DF:
≦300%oftheinitial
specified limit
≦200%oftheinitial
specified limit
DCL:
≦500%oftheinitial
specified limit
≦200%oftheinitial
specified limit
Part No.
Case Size
Capacitance
(µF)
Rated Voltage
(V)
DF Max.
(%)
120kHz RMS Current
(mA) / 125°C
REH1840101M450B
1840
100
450
24
415
* Used to denote packing type: “K” for Ammo Pack or “B” for Bulk Pack.
DF = When nominal capacitance exceeds 1000μF, add 0.02 to the value above for each 1000μF increase
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage
after 5 minutes.
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com