Electronic Components Datasheet Search
  English  ▼

X  

08025SE Datasheet(PDF) 2 Page - NMB Technologies Corporation

Part # 08025SE
Description  IP55 Protected/Tacho Output Brushless DC Fan
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

08025SE Datasheet(HTML) 2 Page - NMB Technologies Corporation

  08025SE Datasheet HTML 1Page - NMB Technologies Corporation 08025SE Datasheet HTML 2Page - NMB Technologies Corporation 08025SE Datasheet HTML 3Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
08025SE
TACHO Specifications
Tachometer Signal
1. Output Circuit: Open Drain
2. Specification
Absolute Maximum Ratings at Ta=25˚C
V
DSmax: +15V
I
Dmax: 5mA[VDS(sat)max=0.5V]
3. Output Waveform: At Rated Voltage
1) When the rotor is locked at VOH position of signal, signal keeps VOH position.
2) When the rotor is locked at VOL position of signal, signal keeps VOL position.
3) T=T1+T2+T3+T4=60/m=1 rotation
m: Fan Speed (min-1)
Tacho Duty Cycle=50%±10%
Output Signal Voltage
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 | Rev. 1.1
NMBTC.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com