Electronic Components Datasheet Search
  English  ▼

X  

08025SE Datasheet(PDF) 3 Page - NMB Technologies Corporation

Part # 08025SE
Description  IP55 Protected/Tacho Output Brushless DC Fan
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

08025SE Datasheet(HTML) 3 Page - NMB Technologies Corporation

  08025SE Datasheet HTML 1Page - NMB Technologies Corporation 08025SE Datasheet HTML 2Page - NMB Technologies Corporation 08025SE Datasheet HTML 3Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Materials
Casing: Plastic (Black UL94V-0)
Impeller: Plastic (Black UL94V-0)
Bearing: Ball Bearing
Lead Wire: (+): Red (-) Black
Tacho: White
08025SE
Outlines
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 | Rev. 1.1
NMBTC.com
+:RED, -:BLACK
MODEL
08025SE-***-FT
MADE IN
DC
**V
*.**A
XXXXXXX
DW
EP
IP55
Protection Level
12Q: 0.38A
24R: 0.22A
12Q: 12V
24R: 24V
REG 94518
V D E
R
*Install the fans with rotor impeller facing up or in vertical position to avoid water accumulation in the rotor cup.
*IP protection does not provide long term reliability guarantee.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com