Electronic Components Datasheet Search
  English  ▼

X  

INA236 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA236
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA236 Datasheet HTML 9Page - Texas Instruments INA236 Datasheet HTML 10Page - Texas Instruments INA236 Datasheet HTML 11Page - Texas Instruments INA236 Datasheet HTML 12Page - Texas Instruments INA236 Datasheet HTML 13Page - Texas Instruments INA236 Datasheet HTML 14Page - Texas Instruments INA236 Datasheet HTML 15Page - Texas Instruments INA236 Datasheet HTML 16Page - Texas Instruments INA236 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
of the samples have been measured and the corresponding current and power calculations have been made,
the accumulated average for each of these parameters is then loaded to the corresponding output registers
where they can then be read. These calculations are performed in the background and do not add to the overall
conversion time.
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
Current Limit Detect Following
Every Shunt Voltage Conversion
Bus and Power Limit Detect
Following Every Bus Voltage Conversion
Power Average
Bus Voltage Average
Shunt Voltage Average
Figure 7-1. Power Calculation Scheme
7.3.3 Low Bias Current
When performing a current measurement, the INA236 features very low input bias current which provides
several benefits. The low input bias current of the INA236 reduces the current consumed by the device in both
active and shutdown state. Another benefit of low bias current is that it allows the use of input filters to reject
high-frequency noise before the signal is converted to digital data. In traditional digital current-sense monitors,
the addition of input filters comes at the cost of reduced accuracy. However, as a result of the low bias current,
the reduction in accuracy due to input filters is minimized. An additional benefit of low bias current is the ability
to use a larger shunt resistor to accurately sense smaller currents. Use of a larger value for the shunt resistor
allows the device to accurately monitor currents in the sub-mA range.
The bias current in the INA236 is the smallest when the sensed current is zero. As the current starts to increase,
the differential voltage drop across the shunt resistor increases which results in an increase in the bias current
(see Figure 6-14).
The INA236 has low bias current only when making a current measurement, when bus voltage measurements
are made the impedance of the IN– will decrease. During bus voltage measurements the IN– pin will be
connected to an internal resistor divider with an impedance of approximately 1 MΩ. Configuring the ADC to
perform only current measurements will allow the device to always have low bias current.
7.3.4 Low Voltage Supply and Wide Common-Mode Voltage Range
The supply voltage range of the INA236 is 1.7 V to 5.5 V. The ability to operate at 1.7 V enables the device to be
used in 1.8-V supply rails. Even with a supply voltage of 1.7 V, the device can monitor currents on voltage rails
as high as 48 V. This wide common-mode range of operation allows the device to be used in many applications
where the common-mode voltage exceeds the supply voltage rail.
7.3.5 ALERT Pin
The INA236 has a single Mask/Enable register (06h) that allows the ALERT pin to be programmed to respond
to a single user-defined event or to a conversion ready notification if desired. The Mask/Enable register allows
the selection from one of the five available functions to monitor and set the conversion ready bit (CNVR, Mask/
Enable register) to control the response of the ALERT pin. Based on the function being monitored, a value
would then be entered into the Alert Limit register (07h) to set the corresponding threshold value that asserts the
ALERT pin.
The ALERT pin allows for one of several available alert functions to be monitored to determine if a user-defined
threshold has been exceeded. The five alert functions that can be monitored are:
• Shunt voltage overlimit (SOL)
www.ti.com
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com