Electronic Components Datasheet Search
  English  ▼

X  

INA236 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA236
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA236 Datasheet HTML 14Page - Texas Instruments INA236 Datasheet HTML 15Page - Texas Instruments INA236 Datasheet HTML 16Page - Texas Instruments INA236 Datasheet HTML 17Page - Texas Instruments INA236 Datasheet HTML 18Page - Texas Instruments INA236 Datasheet HTML 19Page - Texas Instruments INA236 Datasheet HTML 20Page - Texas Instruments INA236 Datasheet HTML 21Page - Texas Instruments INA236 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Frame 1 Two-Wire Target Address Byte
(1)
Frame 2 Register Pointer Byte
1
Start By
Controller
ACK By
Target
ACK By
Target
1
9
1
9
SDA
SCL
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Stop
A.
The value of the Target Address byte is determined by the setting of the A0 address pin. Refer to Table 7-1.
Figure 7-5. Typical Register Pointer Set
7.5.3 High-Speed I2C Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pullup resistors. The controller
generates a start condition followed by a valid serial byte containing high-speed (HS) controller code 00001XXX.
This transmission is made in fast (400 kHz) or standard (100 kHz) (F/S) mode at no more than 400 kHz. The
device does not acknowledge the HS controller code, but does recognize it and switches its internal filters to
support 2.94-MHz operation.
The controller then generates a repeated start condition (a repeated start condition has the same timing as
the start condition). After this repeated start condition, the protocol is the same as F/S mode, except that
transmission speeds up to 2.94 MHz are allowed. Instead of using a stop condition, use repeated start conditions
to maintain the bus in HS-mode. A stop condition ends the HS-mode and switches all the internal filters of the
device to support the F/S mode.
7.5.4 General Call Reset
A general call reset to multiple devices is implemented by addressing the general call address 0000 000, with
the last R/W bit set to 0. This is then followed by the following data byte 0000 0110 (06h).
On receiving this 2-byte sequence, all devices designed to respond to the general call address will reset. All
INA236 devices on the bus will do a soft reset operation and return to the default power-up conditions
7.5.5 General Call Start Byte
A general call ADC conversion start command to multiple INA236 devices is implemented by addressing the
general call address 0000 000, with the last R/W bit set to 1. No other data bytes are required. Be aware that
other devices in the bus that use general call start commands on the bus will also trigger a start of conversion.
7.5.6 SMBus Alert Response
The INA236 is designed to respond to the SMBus Alert Response address. The SMBus Alert Response provides
a quick fault identification for simple targets. When an Alert occurs, the controller can broadcast the Alert
Response target address (0001 100) with the Read/Write bit set high. Following this Alert Response, any target
that generates an alert identifies itself by acknowledging the Alert Response and sending its address on the bus.
The Alert Response can activate several different target devices simultaneously, similar to the I2C General Call.
If more than one target attempts to respond, bus arbitration rules apply. The losing device does not generate an
Acknowledge and continues to hold the Alert line low until that device wins arbitration.
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com