Electronic Components Datasheet Search
  English  ▼

X  

XTPS564255DRLR Datasheet(PDF) 3 Page - Texas Instruments

Part # XTPS564255DRLR
Description  TPS56425x 3-V to 16-V Input, 4-A Synchronous Buck Converters in SOT-563 Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS564255DRLR Datasheet(HTML) 3 Page - Texas Instruments

  XTPS564255DRLR Datasheet HTML 1Page - Texas Instruments XTPS564255DRLR Datasheet HTML 2Page - Texas Instruments XTPS564255DRLR Datasheet HTML 3Page - Texas Instruments XTPS564255DRLR Datasheet HTML 4Page - Texas Instruments XTPS564255DRLR Datasheet HTML 5Page - Texas Instruments XTPS564255DRLR Datasheet HTML 6Page - Texas Instruments XTPS564255DRLR Datasheet HTML 7Page - Texas Instruments XTPS564255DRLR Datasheet HTML 8Page - Texas Instruments XTPS564255DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
VIN
SW
GND
FB
EN
PG
Figure 5-1. 6-Pin SOT563 DRL Package (Top View)
Table 5-1. Pin Functions
Pin
Type(1)
Description
Name
NO.
VIN
1
P
Input voltage supply pin. Connect the input decoupling capacitors between VIN and GND.
SW
2
P
Switch node pin. Connect the output inductor to this pin.
GND
3
G
GND pin for the controller circuit and the internal circuitry
PG
4
A
Open-drain power-good indicator
EN
5
A
Enable input control. Driving EN high enables the converter
FB
6
A
Converter feedback input. Connect to output voltage with a feedback resistor divider.
(1)
A = Analog, P = Power, G = Ground
www.ti.com
TPS564252, TPS564255, TPS564257
SLUSEQ6 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS564252 TPS564255 TPS564257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com