Electronic Components Datasheet Search
  English  ▼

X  

XTPS564255DRLR Datasheet(PDF) 21 Page - Texas Instruments

Part # XTPS564255DRLR
Description  TPS56425x 3-V to 16-V Input, 4-A Synchronous Buck Converters in SOT-563 Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS564255DRLR Datasheet(HTML) 21 Page - Texas Instruments

Back Button XTPS564255DRLR Datasheet HTML 17Page - Texas Instruments XTPS564255DRLR Datasheet HTML 18Page - Texas Instruments XTPS564255DRLR Datasheet HTML 19Page - Texas Instruments XTPS564255DRLR Datasheet HTML 20Page - Texas Instruments XTPS564255DRLR Datasheet HTML 21Page - Texas Instruments XTPS564255DRLR Datasheet HTML 22Page - Texas Instruments XTPS564255DRLR Datasheet HTML 23Page - Texas Instruments XTPS564255DRLR Datasheet HTML 24Page - Texas Instruments XTPS564255DRLR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
001
SW=5V/div
Vout=20mV/div (AC coupled)
2us/div
Figure 8-14. Output Voltage Ripple with 4-A
Loading
200us/div
Iout=2A/div
Vout=50mV/div (AC coupled)
Figure 8-15. TPS564252 Transient Response with
0.4 A to 3.6 A
200us/div
Iout=2A/div
Vout=50mV/div (AC coupled)
Figure 8-16. TPS564257 Transient Response with
0.4 A to 3.6 A
200us/div
Iout=2A/div
Vout=50mV/div (AC coupled)
Figure 8-17. TPS564255 Transient Response with
0.4 A to 3.6 A
006
Vin=5V/div
EN=2V/div
Vout=500mV/div
2ms/div
Figure 8-18. Start-Up Through EN, IOUT = 4 A
Vin=5V/div
EN=2V/div
Vout=500mV/div
2ms/div
Figure 8-19. Shutdown Through EN, IOUT = 4 A
www.ti.com
TPS564252, TPS564255, TPS564257
SLUSEQ6 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS564252 TPS564255 TPS564257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com