Electronic Components Datasheet Search
  English  ▼

X  

GS81032AT Datasheet(PDF) 21 Page - GSI Technology

Part # GS81032AT
Description  32K x 32 1M Synchronous Burst SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81032AT Datasheet(HTML) 21 Page - GSI Technology

Back Button GS81032AT Datasheet HTML 15Page - GSI Technology GS81032AT Datasheet HTML 16Page - GSI Technology GS81032AT Datasheet HTML 17Page - GSI Technology GS81032AT Datasheet HTML 18Page - GSI Technology GS81032AT Datasheet HTML 19Page - GSI Technology GS81032AT Datasheet HTML 20Page - GSI Technology GS81032AT Datasheet HTML 21Page - GSI Technology GS81032AT Datasheet HTML 22Page - GSI Technology GS81032AT Datasheet HTML 23Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Rev: 1.01 7/2001
21/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS81032AT/Q-150/138/133/117/100/66
TQFP and QFP Package Drawing
E1
E
b
e
c
L
L1
A2
A1
θ
Notes:
1. All dimensions are in millimeters (mm).
2. Package width and length do not include mold protrusion
Symbol
Description
TQFP
QFP
Min.
Nom.
Max
Min.
Nom.
Max
A1
Standoff
0.05
0.10
0.15
0.25
0.35
0.45
A2
Body Thickness
1.35
1.40
1.45
2.55
2.72
2.90
b
Lead Width
0.20
0.30
0.40
0.20
0.30
0.40
c
Lead Thickness
0.09
—
0.20
0.10
0.15
0.20
D
Terminal Dimension
21.9
22.0
22.1
22.95
23.2
23.45
D1
Package Body
19.9
20.0
20.1
19.9
20.0
20.1
E
Terminal Dimension
15.9
16.0
16.1
17.0
17.2
17.4
E1
Package Body
13.9
14.0
14.1
13.9
14.0
14.1
e
Lead Pitch
—
0.65
—
—
0.65
—
L
Foot Length
0.45
0.60
0.75
.60
0.80
1.00
L1
Lead Length
—
1.00
—
—
1.60
—
Y
Coplanarity
—
—
0.10
—
—
0.10
θ
Lead Angle
0
°
—
7
°
0
°
—
7
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com