Electronic Components Datasheet Search
  English  ▼

X  

GS81032AT Datasheet(PDF) 13 Page - GSI Technology

Part # GS81032AT
Description  32K x 32 1M Synchronous Burst SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81032AT Datasheet(HTML) 13 Page - GSI Technology

Back Button GS81032AT Datasheet HTML 9Page - GSI Technology GS81032AT Datasheet HTML 10Page - GSI Technology GS81032AT Datasheet HTML 11Page - GSI Technology GS81032AT Datasheet HTML 12Page - GSI Technology GS81032AT Datasheet HTML 13Page - GSI Technology GS81032AT Datasheet HTML 14Page - GSI Technology GS81032AT Datasheet HTML 15Page - GSI Technology GS81032AT Datasheet HTML 16Page - GSI Technology GS81032AT Datasheet HTML 17Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Rev: 1.01 7/2001
13/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS81032AT/Q-150/138/133/117/100/66
AC Electrical Characteristics
Notes:
1. These parameters are sampled and are not 100% tested
2. ZZ is an asynchronous signal. However, in order to be recognized on any given clock cycle, ZZ must meet the specified setup and hold
times as specified above.
Parameter
Symbol
-150
-138
-133
-117
-100
-66
Unit
Min Max Min Max Min Max Min Max Min Max Min Max
Pipeline
Clock Cycle Time
tKC
6.6
—
7.25
—
7.5
—
8.5
—
10
—
12.5
—
ns
Clock to Output Valid
tKQ
—
3.8
—
4
—
4
—
4.5
5
6
ns
Clock to Output Invalid
tKQX
1.5
—
2
—
2
—
2
—
2
—
2
—
ns
Clock to Output in Low-Z
tLZ1
1.5
—
2
—
2
—
2
—
2
—
2
—
ns
Flow-
Thru
Clock Cycle Time
tKC
10.5
—
15
—
15
—
15
—
15
—
20
—
ns
Clock to Output Valid
tKQ
—
9.0
—
9.7
—
10
—
11
12
18
ns
Clock to Output Invalid
tKQX
3
—
3
—
3
—
3
—
3
—
3
—
ns
Clock to Output in Low-Z
tLZ1
3
—
3
—
3
—
3
—
3
—
3
—
ns
Clock HIGH Time
tKH
1.8
—
1.9
—
1.9
—
2
—
3
—
4
—
ns
Clock LOW Time
tKL
1.8
—
1.9
—
1.9
—
2
—
3
—
4
—
ns
Clock to Output in High-Z
tHZ1
1.5
3.8
1.5
4
1.5
4
1.5
4
5
6
ns
G to Output Valid
tOE
—
3.8
—
4
—
4
—
4
5
6
ns
G to output in Low-Z
tOLZ1
0
—
0
—
0
—
0
—
0
—
0
—
ns
G to output in High-Z
tOHZ1
—
4
—
4
—
4
—
4
5
6
ns
Setup time
tS
1.7
—
2
—
2
—
2
—
2
—
2
—
ns
Hold time
tH
0.5
—
0.5
—
0.5
—
0.5
—
0.5
—
0.5
—
ns
ZZ setup time
tZZS2
5
—
5
—
5
—
5
—
5
—
5
—
ns
ZZ hold time
tZZH2
1
—
1
—
1
—
1
—
1
—
1
—
ns
ZZ recovery
tZZR
20
—
20
—
20
—
20
—
20
—
20
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com