Electronic Components Datasheet Search
  English  ▼

X  

ADP7182 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP7182
Description  0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP7182 Datasheet HTML 4Page - Analog Devices ADP7182 Datasheet HTML 5Page - Analog Devices ADP7182 Datasheet HTML 6Page - Analog Devices ADP7182 Datasheet HTML 7Page - Analog Devices ADP7182 Datasheet HTML 8Page - Analog Devices ADP7182 Datasheet HTML 9Page - Analog Devices ADP7182 Datasheet HTML 10Page - Analog Devices ADP7182 Datasheet HTML 11Page - Analog Devices ADP7182 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
ADG2412
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 21
Table 7. Three Channels On, Per Channel Specifications (Continued)
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
VDD = 12 V, VSS = 0 V
LFCSP (θJA = 44°C/W)
548
265
117
mA maximum
VS = VSS to VDD − 3.5 V
VDD = +5 V, VSS = −5 V
LFCSP (θJA = 44°C/W)
548
265
117
mA maximum
VS = VSS to VDD − 3.5 V
VDD = +5 V, VSS = −12 V
LFCSP (θJA = 44°C/W)
548
265
117
mA maximum
VS = VSS to VDD − 3.5 V
Table 8. Four Channels On, Per Channel Specifications
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT, Sx OR Dx
VDD = +15 V, VSS = −15 V
LFCSP (θJA = 44°C/W)
488
248
115
mA maximum
VS = VSS to VDD − 3.5 V
VDD = 12 V, VSS = 0 V
LFCSP (θJA = 44°C/W)
488
248
115
mA maximum
VS = VSS to VDD − 3.5 V
VDD = +5 V, VSS = −5 V
LFCSP (θJA = 44°C/W)
488
248
115
mA maximum
VS = VSS to VDD − 3.5 V
VDD = +5 V, VSS = −12 V
LFCSP (θJA = 44°C/W)
488
248
115
mA maximum
VS = VSS to VDD − 3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com