Electronic Components Datasheet Search
  English  ▼

X  

ADP7182 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP7182
Description  0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182 Datasheet(HTML) 3 Page - Analog Devices

  ADP7182 Datasheet HTML 1Page - Analog Devices ADP7182 Datasheet HTML 2Page - Analog Devices ADP7182 Datasheet HTML 3Page - Analog Devices ADP7182 Datasheet HTML 4Page - Analog Devices ADP7182 Datasheet HTML 5Page - Analog Devices ADP7182 Datasheet HTML 6Page - Analog Devices ADP7182 Datasheet HTML 7Page - Analog Devices ADP7182 Datasheet HTML 8Page - Analog Devices ADP7182 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADG2412
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 21
OPERATING SUPPLY VOLTAGES
Table 1. Operating Supply Voltages
Supply Voltage
Min
Max
Unit
Dual Supply
±4.5
±16.5
V
Single Supply
+5
+16.5
V
±15 V DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 2. ±15 V Dual-Supply Specifications
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = +13.5 V, VSS = −13.5 V
Analog Signal Range
VDD – 2 V to VSS
V
On Resistance, RON
0.50
Ω typ
Source voltage (VS) = −13.5 V to +10 V,
source current (IS) = −10 mA, see Figure
31
0.65
0.8
0.95
Ω max
0.54
Ω typ
VS = −13.5 V to +11 V, IS = −100 mA
0.7
0.85
1.0
Ω max
On-Resistance Match Between Channels, ∆RON 0.003
Ω typ
VS = −13.5 V to +11 V, IS = −100 mA
0.085
0.1
0.1
Ω max
On-Resistance Flatness, RFLAT (ON)
0.003
Ω typ
VS = −13.5 V to +10 V, IS = −100 mA
0.035
0.035
0.035
Ω max
0.04
Ω typ
VS = −13.5 V to +11 V, IS = −100 mA
0.08
0.1
0.1
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±1.7
nA typ
VS = ±10 V, drain voltage (VD) =
∓10 V,
see Figure 34
±4.0
+40/−5.5
+120/−5.5
nA max
Drain Off Leakage, ID (Off)
±1.7
nA typ
VS = ±10 V, VD =
∓10 V, see Figure 34
±4.0
+40/−5.5
+120/−5.5
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = ±10 V, see Figure 30
±1.3
±3
+12.5/−3
nA max
DIGITAL INPUTS
Input High Voltage, VINH
1.3
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL, or IINH
0.01
µA typ
Input voltage (VIN) = GND voltage
(VGND) or VDD
±0.15
µA max
Digital Input Capacitance, CIN
4.6
pF typ
DYNAMIC CHARACTERISTICS
On Time, tON
336
ns typ
Load resistance (RL) = 300 Ω, load
capacitance (CL) = 35 pF
403
434
478
ns max
VS = 10 V, see Figure 37
Off Time, tOFF
188
ns typ
RL = 300 Ω, CL = 35 pF
221
223
223
ns max
VS = 10 V, see Figure 37
Charge Injection, QINJ
−1.8
nC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see
Figure 38
Off Isolation
−76
dB typ
RL = 50 Ω, CL = 5 pF, frequency = 100
kHz, see Figure 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com