Electronic Components Datasheet Search
  English  ▼

X  

LT3463 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3463
Description  0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3463 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3463 Datasheet HTML 10Page - Analog Devices LT3463 Datasheet HTML 11Page - Analog Devices LT3463 Datasheet HTML 12Page - Analog Devices LT3463 Datasheet HTML 13Page - Analog Devices LT3463 Datasheet HTML 14Page - Analog Devices LT3463 Datasheet HTML 15Page - Analog Devices LT3463 Datasheet HTML 16Page - Analog Devices LT3463 Datasheet HTML 17Page - Analog Devices LT3463 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Data Sheet
ADG6412
THEORY OF OPERATIONS
analog.com
Rev. 0 | 16 of 18
SWITCH ARCHITECTURE
The ADG6412 contains four independent SPST, N-channel diffused
metal-oxide semiconductor (NDMOS) switches, which allows for an
excellent RON performance. Using an NDMOS only architecture re-
sults in a reduction of signal headroom, meaning signals are limited
to VDD – 2 V. To achieve the lowest on resistance, on-resistance
flatness, and total harmonic distortion, it is recommended the signal
stays below VDD – 3.5 V.
To guarantee correct operation of the ADG6412, a minimum of 0.1
µF decoupling capacitors are required on both the VDD and VSS
supply pins.
The ADG6412 is compatible with single-supply systems that have a
VDD of up to 40 V, dual-supply systems of up to ± 22 V, as well as
asymmetric power supplies.
1.8 V LOGIC COMPATIBILITY
For ease of use, the ADG6412 does not have a VL logic reference
voltage. The digital inputs are compatible with 1.8 V logic levels
over the full-operating supply range. The limits for 1.8 V logic are:
VINH = 1.3 V, VINL = 0.8 V. 1.8 V logic-level inputs enable the
ADG6412 to be compatible with processors that have lower supply
rails, eliminating the need for an external voltage translator.
If full 1.8 V and 1.2 V JEDEC compliance is required, refer to
the Analog Devices, Inc., L range part numbers, such as the
ADG1412L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com