Electronic Components Datasheet Search
  English  ▼

X  

LT3463 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3463
Description  0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3463 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3463 Datasheet HTML 10Page - Analog Devices LT3463 Datasheet HTML 11Page - Analog Devices LT3463 Datasheet HTML 12Page - Analog Devices LT3463 Datasheet HTML 13Page - Analog Devices LT3463 Datasheet HTML 14Page - Analog Devices LT3463 Datasheet HTML 15Page - Analog Devices LT3463 Datasheet HTML 16Page - Analog Devices LT3463 Datasheet HTML 17Page - Analog Devices LT3463 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
ADG6412
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 17 of 18
LARGE VOLTAGE, HIGH FREQUENCY SIGNAL
TRACKING
Figure 23 shows the voltage range and corresponding frequen-
cies that the ADG6412 can reliably convey. The tracking voltage
(VTRACK) in the figure shows the source voltage and the drain volt-
age difference, which is less than 50 mV for a given amplitude and
frequency. For large voltage, high frequency signals, the frequency
must be kept below 10 MHz. If the required frequency is greater
than 10 MHz, decrease the signal range appropriately to ensure
signal integrity.
POWER SUPPLY RECOMMENDATIONS
Analog Devices has a wide range of power management products
to meet the requirements of high performance signal chains.
An example of a bipolar power solution is shown in Figure 34.
The LT3463 (a dual switching regulator) generates a positive and
negative supply rail for the ADG6412, an amplifier, and/or a preci-
sion converter in a typical signal chain. Also, two optional low-drop-
out regulators (LDOs), the ADP7142 and ADP7182 (positive and
negative LDOs, respectively) are shown in Figure 34, which can
reduce the output ripple of the LT3463 in ultra-low noise sensitive
applications.
Figure 34. Bipolar Power Solution
Table 13. Recommended Power Management Devices
Product
Description
LT3463
Dual micropower, DC to DC converter with Schottky diodes
ADP7142
40 V, 200 mA, low noise, CMOS, LDO linear regulator
ADP7182
−28 V, −200 mA, low noise, LDO linear regulator
HIGH-CURRENT DRIVE AND PRECISION
CURRENT-SENSE
Figure 35 shows an example application for the ADG6412. In
automated test equipment (ATE) and instrumentation applications,
when driving a current to a device under test (DUT), there is a
requirement to have multiple sense resistors for multiple current
ranges to facilitate large current output ranges from micro amps to
amps. The low on-resistance of the ADG6412 is ideally suited to
switching the force current output path in this application because
it allows for high continuous current carrying as seen in Table 4 to
Table 7.
Figure 35. High-Current Drive and Precision Current-Sense Application
DIGITAL AUDIO CHANNEL TO ULTRA-LOW
THD
Figure 36 shows an example application for the ADG6412. For
precision audio signal chains, THD is a key specification. The THD
performance of a switch is related to the on-resistance flatness,
and the ADG6412 has exceptionally low on-resistance flatness of
approximately 3 mΩ. Here, the ADG6412 is set up as a gain
selection switch for an audio preamplifier to allow flexibility for
user to select multiple gain ranges. The THD performance of the
ADG6412 maximizes the signal fidelity and the low on-resistance
minimizes any gain error in the system.
Figure 36. Digital Audio Channel to Ultra-Low THD Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com