Electronic Components Datasheet Search
  English  ▼

X  

LTC3313 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3313
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3313 Datasheet HTML 13Page - Analog Devices LTC3313 Datasheet HTML 14Page - Analog Devices LTC3313 Datasheet HTML 15Page - Analog Devices LTC3313 Datasheet HTML 16Page - Analog Devices LTC3313 Datasheet HTML 17Page - Analog Devices LTC3313 Datasheet HTML 18Page - Analog Devices LTC3313 Datasheet HTML 19Page - Analog Devices LTC3313 Datasheet HTML 20Page - Analog Devices LTC3313 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC3313
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Applying a load transient and monitoring the response of
the system or using a network analyzer to measure the
actual loop response are two ways to verify and optimize
the control loop stability. LTpowerCAD® is a useful tool to
help optimize the compensation components.
When using the load transient response method to sta-
bilize the control loop, apply an output current pulse of
20% to 100% of the full load current having a rise time
of 1µs. This will produce a transient on the output voltage
and ITH pin waveforms.
Switching regulators take multiple cycles to respond to
a step in load current. When a load step occurs, VOUT is
immediately perturbed, generating a feedback error signal
used by the regulator to return VOUT to its steady-state value.
During this recovery time, monitor VOUT for overshoot
or ringing that would indicate a stability problem. The
initial output voltage step may not be within the band-
width of the feedback loop, so the standard second-order
overshoot/DC ratio cannot be used to determine phase
margin. The gain of the loop increases with RC and the
bandwidth of the loop increases with decreasing CC. If RC
is increased by the same factor that CC is decreased, the
zero frequency will be kept the same, thereby keeping the
phase the same in the most critical frequency range of the
feedback loop. In addition, adding a feedforward capaci-
tor, CFF, improves the high frequency response. Capacitor
CFF provides phase lead by creating a high frequency zero
with RA to improve the phase margin. The compensation
components of the typical application circuits are a good
starting point for component values.
The output voltage settling behavior is related to the sta-
bility of the closed-loop system. For a detailed explanation
of optimizing the compensation components, including
a review of control loop theory, refer to Analog Devices
Application Note 76.
Output Overvoltage Protection
During an output overvoltage event, when the FB node
voltage is greater than 110% of nominal, the LTC3313
top power switch will be turned off. If the output remains
out of regulation for more than 125µs, the PGOOD pin
will be pulled low.
An output overvoltage event should not happen under
normal operating conditions.
Output Voltage Sensing
The LTC3313 AGND pin is the ground reference for the
internal analog circuitry, including the bandgap voltage
reference. To achieve good load regulation, connect the
AGND pin to the negative terminal of the output capaci-
tor (COUT) at the load. A drop in the high current power
ground return path will be compensated. All of the signal
components, such as the FB resistor dividers and soft-
start capacitor, should be referenced to the AGND node.
The AGND node carries very little current and, therefore,
can be a minimal size trace. See the example PCB Layout
for more information.
Enable Threshold Programming
The LTC3313 has a precision enable pin threshold
to enable or disable switching. When forced low, the
LTC3313 enters a low current shutdown mode.
The rising threshold of the EN comparator is 400mV, with
60mV of hysteresis. Connect the EN pin to VIN if the shut-
down feature is not used. Adding a resistor divider from
VIN to EN programs the LTC3313 to regulate the output
only when VIN is above a desired voltage (see the Block
Diagram). Typically, this threshold, VIN(EN), is used in situ-
ations where the input supply is current limited or has a
relatively high source resistance. A switching regulator
draws constant power from the source, so source current
increases as source voltage drops. This looks like a nega-
tive resistance load to the source and can cause the source
to current limit or latch low under low source voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com