Electronic Components Datasheet Search
  English  ▼

X  

LTC3313 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3313
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3313 Datasheet HTML 16Page - Analog Devices LTC3313 Datasheet HTML 17Page - Analog Devices LTC3313 Datasheet HTML 18Page - Analog Devices LTC3313 Datasheet HTML 19Page - Analog Devices LTC3313 Datasheet HTML 20Page - Analog Devices LTC3313 Datasheet HTML 21Page - Analog Devices LTC3313 Datasheet HTML 22Page - Analog Devices LTC3313 Datasheet HTML 23Page - Analog Devices LTC3313 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC3313
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
See Figure 4 for a recommended PCB layout.
Figure 4. Recommended PCB Layout for the LTC3313
COUT1
COUT2
L
CIN3
RB
RA
CFF
CIN4
CIN1
CIN5
GND
GND
VIN
GROUND PLANE ON LAYER 2
VOUT
CSS
RC
CC2
CC1
RT
3313 F04
1
14
5
10
18
15
19
6
9
TO VOUT AND GND
REMOTE SENSE
CIN2
Large, switched currents flow in the LTC3313 VIN, SW,
and PGND pins and input capacitors. The loops formed
by the input capacitors should be as small as possible by
placing the capacitors adjacent to the VIN and PGND pins.
Place the input capacitors, inductor, and output capaci-
tors on the same layer of the circuit board. Place a local,
unbroken ground plane under the application circuit on
the layer closest to the surface layer.
The SW node should be as short as possible. Finally,
keep the FB and RT nodes small and away from the noisy
SW node.
High Temperature Considerations
For higher ambient temperatures, care should be taken
in the layout of the PCB to ensure good heat sinking of
the LTC3313. The PGND pins and the exposed pad on the
bottom of the package should be soldered to a ground
plane. This ground should be tied to large copper layers
below with many thermal vias; these layers will spread
heat dissipated by the LTC3313. Placing additional vias
can reduce thermal resistance further. The maximum load
current should be derated as the ambient temperature
approaches the maximum junction rating. Power dissi-
pation within the LTC3313 can be estimated by calculat-
ing the total power loss from an efficiency measurement
and subtracting the inductor loss. The die temperature is
monitored with the SSTT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com