Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3370
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3306
8
Rev. 0
For more information www.analog.com
OPERATION
Voltage Regulation
The LTC3306 is a monolithic, constant frequency, peak
current mode, step-down DC/DC converter. The synchro-
nous buck switching regulator is factory programmed and
requires only input and output capacitors and an inductor
for a complete solution. A factory-programmed oscillator
turns on the internal top power switch at the beginning of
each clock cycle. Current in the inductor then increases
until the top switch current comparator trips and turns off
the top power switch. The peak inductor current at which
the top switch turns off is controlled by an internal control
voltage (VC). The error amplifier regulates VC by compar-
ing the voltage on the FB or VOUT node with an internal
reference. When the load current increases, it causes a
reduction in the output voltage relative to the reference,
leading the error amplifier to raise the VC voltage until the
average inductor current matches the new load current.
When the top power switch turns off, the synchronous
power switch turns on and ramps down the inductor cur-
rent for the remainder of the clock cycle or, if configured
for Burst Mode operation, until the inductor current falls
to zero. If overload conditions result in excessive current
flowing through the bottom switch, the next clock cycle
will be skipped until switch current returns to a safe level.
The enable pin has a precision 400mV threshold that may
be used to provide event-based power-up sequencing by
connecting the EN pin to the output of another regulator
through a resistor divider. If the EN pin is low, the device
is shut down and in a low quiescent current state. When
the EN pin is above its threshold, the switching regulator
will be enabled.
The LTC3306 has forward and reverse-current limiting,
short-circuit protection, output overvoltage protection,
and soft-start to limit inrush current during start-up or
recovery from a short-circuit.
Mode Selection
The LTC3306 is available in two operational modes: forced
continuous mode, and Burst Mode operation.
In forced continuous mode, the switches turn on every
cycle, maintaining regulation by allowing the inductor cur-
rent to reverse at light load. This mode allows the buck
to run at a fixed frequency with a consistent amount of
current ripple, generating minimal output voltage ripple.
In Burst Mode operation, reverse current is prevented on
a cycle-by-cycle basis, allowing discontinuous switching
operation at lower average load currents. While operat-
ing at light loads, the output voltage charges to a slightly
higher voltage than its normal regulation voltage. The
regulator then suspends switching and disables most of
the internal circuitry, minimizing input power. The output
capacitor provides required load current until the output
voltage drops below its programmed value, when the cir-
cuitry is powered on and switching cycles commence.
Output Power Good
When the LTC3306 output voltage is above 98% of the
regulation voltage, the output is considered good and the
open-drain PGOOD pin becomes high impedance and can
be pulled high using an external resistor. When the output
voltage falls below 96.8%, the internal pull-down device
will pull the PGOOD pin low. The PGOOD pin is also pulled
low during the following fault conditions: EN pin is low,
VIN is too low, VOUT is above 110% of the nominal volt-
age, or during thermal shutdown. To filter noise and short
duration output voltage transients, the lower threshold
has a hysteresis of 1%, the upper threshold has a hys-
teresis of 2%, and both have a built-in 100μs time delay
to report a PGOOD change of state.
Output Overvoltage Protection
During an output overvoltage event, when VOUT is greater
than 110% of the nominal regulated voltage, the LTC3306
top power switch will be turned off. If the output remains
out of regulation for more than 100µs, the PGOOD pin
will be pulled low. An output overvoltage event should not
happen under normal operating conditions.
Overtemperature Protection
To prevent thermal damage to the LTC3306 and its sur-
rounding components, the device incorporates an over-
temperature (OT) function. When the die temperature
reaches 160°C (typical), the switcher is disabled until the
die temperature falls to 155°C (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com