Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3370
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3306
12
Rev. 0
For more information www.analog.com
Enable Threshold Programming
The LTC3306 has a precision threshold enable pin to enable
or disable the switching. When forced low, the enable pin
puts the device into a low current shutdown mode.
The rising threshold of the EN comparator is 400mV, with
50mV of hysteresis. The EN pin can be tied to VIN if the
shutdown feature is not used. Adding a resistor divider
from VIN to EN programs the LTC3306 to regulate the
output only when VIN is above a desired voltage (see the
Block Diagram). Typically, this threshold, VIN(EN), is used
in situations where the input supply is current limited,
or has a relatively high source impedance. The VIN(EN)
threshold prevents the regulator from operating at source
voltages where low input voltage problems may occur.
This threshold can be adjusted by setting the values R1
and R2 such that they satisfy Equation 6.
VIN EN
( ) =
R1
R2
+ 1
⎛
⎝⎜
⎞
⎠⎟
• 400mV
(6)
The LTC3306 will remain in shutdown until VIN is above
VIN(EN). Due to the comparator’s hysteresis, switching will
not stop until the input falls 12.5% below VIN(EN).
FB Resistor Network (LTC3306 Adjustable Version)
The output voltage of the LTC3306 adjustable version is
programmed with a resistor divider between the output
and the FB pin. Choose the resistor values according to
Equation 7.
RA = RB
VOUT
500mV
– 1
⎛
⎝⎜
⎞
⎠⎟
(7)
as shown in Figure 2:
COUT
CFF
RA
SW
FB
3306 F02
BUCK
SWITCHING
REGULATOR
(OPTIONAL)
RB
L
VOUT
Figure 2. Feedback Resistor Network for the
LTC3306 Adjustable Version
1% or 0.1% resistors are recommended to maintain out-
put voltage accuracy. When optimizing the control loop
for high bandwidth and optimal transient response, add a
phase-lead capacitor connected from VOUT to FB.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com