Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM2893
Description  6500VRMS Isolated RS485/RS422 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2893 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM2893 Datasheet HTML 7Page - Analog Devices LTM2893 Datasheet HTML 8Page - Analog Devices LTM2893 Datasheet HTML 9Page - Analog Devices LTM2893 Datasheet HTML 10Page - Analog Devices LTM2893 Datasheet HTML 11Page - Analog Devices LTM2893 Datasheet HTML 12Page - Analog Devices LTM2893 Datasheet HTML 13Page - Analog Devices LTM2893 Datasheet HTML 14Page - Analog Devices LTM2893 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTM2885
11
Rev. B
For more information www.analog.com
A
B
VCM
±VAB/2
±VAB/2
RO
CL
2885 F06a
RECEIVER
tPLHR
tPHLR
90%
0
90%
10%
tR
90%
10%
tF
90%
1/2 VL
1/2 VL
tRR
tFR
10%
2885 F06b
10%
VAB
VL
0
–VAB
RO
A-B
Figure 4. Driver Timing Measurement Receiver
DRIVER
DI
VL
OR
GND
GND
OR
VCC2
VCC2
OR
GND
RL
RL
CL
2885 F05a
Y
Z
DE
CL
tZLD
tZHD
tHZD
tLZD
1/2 VL
1/2 VCC2
1/2 VCC2
DE
Y OR Z
Z OR Y
VL
VCC2
0V
0V
0.5V
0.5V
2885 F05b
Figure 5. Driver Enable and Disable Timing Measurements
TEST CIRCUITS
DRIVER
DI
RDIFF
CL
CL
2885 F04a
Y
Z
1/2 VOD
90%
90%
0
0
10%
2885 F04b
10%
VOD
VL
Y, Z
DI
(Y-Z)
0V
tSKEWD
tPLHD
tRD
tFD
tPHLD
Figure 6. Propagation Delay Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com