Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM2893
Description  6500VRMS Isolated RS485/RS422 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2893 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM2893 Datasheet HTML 14Page - Analog Devices LTM2893 Datasheet HTML 15Page - Analog Devices LTM2893 Datasheet HTML 16Page - Analog Devices LTM2893 Datasheet HTML 17Page - Analog Devices LTM2893 Datasheet HTML 18Page - Analog Devices LTM2893 Datasheet HTML 19Page - Analog Devices LTM2893 Datasheet HTML 20Page - Analog Devices LTM2893 Datasheet HTML 21Page - Analog Devices LTM2893 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTM2885
22
Rev. B
For more information www.analog.com
ANALOG DEVICES, INC. 2016-2022
www.analog.com
03/22
RELATED PARTS
TYPICAL APPLICATION
PART
NUMBER
DESCRIPTION
COMMENTS
LTM2881
Isolated RS485/RS422 µModule Transceiver with Power
20Mbps, ±15kV ESD, 2500VRMS Isolation with Power
LTM2882
Dual Isolated RS232 µModule Transceiver with Power
1Mbps, ±10kV ESD, 2500VRMS Isolation with Power
LTM2883
SPI/Digital or I2C µModule Isolator with Power
2500VRMS Isolation with Adjustable ±12.5V and 5V Power in BGA Package
LTM2884
Isolated USB Transceiver with Power
2500VRMS, Auto Speed Selection, 1W to 2.5W Isolated Power
LTM2886
SPI or I2C μModule Isolator with Adjustable 5V and ±5V Regulated Power 2500VRMS Isolation in Surface Mount BGA
LTM2889
Complete 4Mbps CAN FD μModule Isolator + Power
2500VRMS Isolation in Surface Mount BGA
LTM2892
SPI/Digital or I2C Isolated μModule
3500VRMS Isolation without Power in 9mm × 6.25mm BGA Package
LTM2893
Complete 100MHz SPI ADC μModule Isolator
6000VRMS Isolation in Surface Mount BGA
LTM2894
Complete Isolated USB μModule Transceiver
7500VRMS Isolation in Surface Mount BGA
LTC®1535 Isolated RS485 Transceiver
2500VRMS Isolation in Surface Mount Package
LT®1785
±60V Fault-Protected Transceiver
Half Duplex
LT1791
±60V Fault-Protected Transceiver
Full Duplex
LTC2861
20Mbps RS485 Transceiver with Integrated Switchable Termination
Full Duplex, 15kV ESD
LTC2862-5 20Mbps RS485 Transceiver, ±60V Fault Protected
±25V Common Mode Range, 15kV ESD
A
VL
VCC1
RE
DE
TE
RO
DI
GND
VCC
VCCA
2885 TA02
B
Y
Z
A
PWR
GND2
A
VL
RE
DE
TE
RO
DI
GND
VCC
VCCC
B
Y
Z
PWR
GND2
LTM2885
LTM2885
LTM2885
VCC2
C
B
CABLE SHIELD
OR GROUND RETURN
ISOLATION BARRIER
B
Multi-Node Network with End Termination and Single Ground Connection on Isolation Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com