Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2885
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 2 Page - Analog Devices

  LTM2885 Datasheet HTML 1Page - Analog Devices LTM2885 Datasheet HTML 2Page - Analog Devices LTM2885 Datasheet HTML 3Page - Analog Devices LTM2885 Datasheet HTML 4Page - Analog Devices LTM2885 Datasheet HTML 5Page - Analog Devices LTM2885 Datasheet HTML 6Page - Analog Devices LTM2885 Datasheet HTML 7Page - Analog Devices LTM2885 Datasheet HTML 8Page - Analog Devices LTM2885 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2862A
2
Rev. A
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2862ACS8-1#PBF
LTC2862ACS8-1#TRPBF
2862A1
8-Lead (150mil) Plastic SO
0°C to 70°C
LTC2862AIS8-1#PBF
LTC2862AIS8-1#TRPBF
2862A1
8-Lead (150mil) Plastic SO
–40°C to 85°C
LTC2862AHS8-1#PBF
LTC2862AHS8-1#TRPBF
2862A1
8-Lead (150mil) Plastic SO
–40°C to 125°C
LTC2862AMPS8-1#PBF
LTC2862AMPS8-1#TRPBF
2862A1
8-Lead (150mm) Plastic SO
–55°C to 125°C
LTC2862ACS8-2#PBF
LTC2862ACS8-2#TRPBF
2862A2
8-Lead (150mil) Plastic SO
0°C to 70°C
LTC2862AIS8-2#PBF
LTC2862AIS8-2#TRPBF
2862A2
8-Lead (150mil) Plastic SO
–40°C to 85°C
LTC2862AHS8-2#PBF
LTC2862AHS8-2#TRPBF
2862A2
8-Lead (150mil) Plastic SO
–40°C to 125°C
LTC2862AMPS8-2#PBF
LTC2862AMPS8-2#TRPBF
2862A2
8-Lead (150mm) Plastic SO
–55°C to 125°C
LTC2862ACDD-1#PBF
LTC2862ACDD-1#TRPBF
LGYK
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC2862AIDD-1#PBF
LTC2862AIDD-1#TRPBF
LGYK
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2862AHDD-1#PBF
LTC2862AHDD-1#TRPBF
LGYK
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC2862ACDD-2#PBF
LTC2862ACDD-2#TRPBF
LGYM
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC2862AIDD-2#PBF
LTC2862AIDD-2#TRPBF
LGYM
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2862AHDD-2#PBF
LTC2862AHDD-2#TRPBF
LGYM
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
Supply Voltages
VCC............................................................. –0.3 to 6V
Logic Input Voltages (RE, DE, DI) .................. –0.3 to 6V
Interface I/O: A, B .....................................–60V to +60V
Receiver Output (RO)......................–0.3V to (VCC+0.3V)
Operating Ambient Temperature Range (Note 4)
LTC2862AC.............................................. 0°C to 70°C
LTC2862AI...........................................–40°C to 85°C
LTC2862AH ....................................... –40°C to 125°C
LTC2862AMP..................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
PIN CONFIGURATION
LTC2862A-1, LTC2862A-2
LTC2862A-1, LTC2862A-2
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
RO
RE
DE
DI
S8 PACKAGE
8-LEAD (150mil) PLASTIC SO
TJMAX = 150°C, θJA = 120°C/W, θJC = 39°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
EXPOSED PAD (PIN 9) CONNECT TO PCB GND
TJMAX = 150°C, θJA = 43°C/W, θJC = 5.5°C/W
5
6
7
8
9
4
3
2
1
RO
RE
DE
DI
VCC
B
A
GND
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com