Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM2885
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 16Page - Analog Devices LTM2885 Datasheet HTML 17Page - Analog Devices LTM2885 Datasheet HTML 18Page - Analog Devices LTM2885 Datasheet HTML 19Page - Analog Devices LTM2885 Datasheet HTML 20Page - Analog Devices LTM2885 Datasheet HTML 21Page - Analog Devices LTM2885 Datasheet HTML 22Page - Analog Devices LTM2885 Datasheet HTML 23Page - Analog Devices LTM2885 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC2862A
20
Rev. A
For more information www.analog.com
Failsafe O Application (Idle State = Logic O)
±60V 20Mbps Level Shifter/Isolator
DI
GND
VCC
VCC1
LTC2862A-1
VCC2
R2
±60V
R1
A
B
R1 = 200k 1%. PLACE R1 RESISTORS NEAR A AND B PINS OF RECEIVER.
R2 = 10k
C = 47pF, 5%, 50 WVDC. MAY BE OMITTED FOR DATA RATES < 100kbps.
DATA IN 1
DATA OUT 1
VCC
RO
LTC2862A-1
GND
C
A
B
2862A TA03
R1
C
D
R
PROFIBUS Compatible Line Interface
TYPICAL APPLICATIONS
RO
RE
DE
DI
8.2
2862A TA02
A*
R
B*
* THE POLARITY OF A AND B IN THIS DATA SHEET IS OPPOSITE THE POLARITY DEFINED BY PROFIBUS.
VCC
(4.75V TO 5.25V)
GND
LTC2862A
8.2
390
4VP-P ≤ VOD ≤ 7VP-P UP TO 1500kbps
220
390
B WIRE
A WIRE
B WIRE
A WIRE
VCC
390
220
390
VCC
100m
5.5/WIRE
VOD
D
2862A TA04
RO
DE
DI
RO
DE
DI
B
R
I1
5V
A
“A”
“B”
GND
VCC
LTC2862A
D
I2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com