Electronic Components Datasheet Search
  English  ▼

X  

CS5824 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS5824
Description  28:4 LVDS Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5824 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CS5824 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CS5824
page 7 of 13
AC CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Unit
t0
CKO
↑ to bit 0
Tc= 15.38 ns
-0.2
0
0.2
ns
t1
CKO
↑ to bit 1
1/7tc-0.2
-
1/7tc+0.2
ns
t2
CKO
↑ to bit 2
2/7tc-0.2
-
2/7tc+0.2
ns
t3
CKO
↑ to bit 3
3/7tc-0.2
-
3/7tc+0.2
ns
t4
CKO
↑ to bit 4
4/7tc-0.2
-
4/7tc+0.2
ns
t5
CKO
↑ to bit 5
5/7tc-0.2
-
5/7tc+0.2
ns
t6
CKO
↑ to bit 6
6/7tc-0.2
-
6/7tc+0.2
ns
tskew
Output skew
-0.2
-
0.2
ns
∆t
c(o)
Cycle time, Output clock jitter
-
±100
-ps
tw
Pulse duration, high-level output
clock
-
4/7tc
-ns
tt
Transition time, differential output
voltage (tr or tf)
260
700
1500
ps
tenable
Enable time, SHTDN
↑ to phase lock
(Yn valid)
-1
-
ms
tdisable
Disable time, SHTDN
↓ to off state
(CKO low)
-
250
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com