Electronic Components Datasheet Search
  English  ▼

X  

CS5824 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CS5824
Description  28:4 LVDS Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5824 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CS5824 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS5824 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CS5824
page 8 of 13
Note: Maximum value of tr, tf = 5ns
Figure-2 Setup and Hold Time Definition
(a) SCHEMATIC
(b) WAVEFORMS
Figure-3 Test Load and Voltage Definitions for LVDS Outputs
Dn
th
tsu
CKIN
(RF=1)
CKIN
(RF=0)
YP
YM
49.9
Ω±1%(2 Places)
CL=10pF Max
(2 Places)
VOC
VOD
100%
80%
0V
20%
0%
VOD(H)
VOD(L)
tr
tf
VOC(PP)
VOC(SS)
VOC(SS)
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com