Electronic Components Datasheet Search
  English  ▼

X  

HSB857J Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSB857J
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSB857J Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSB857J Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSB857J Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSB857J Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSB857J Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HJ200101
Issued Date : 2001.09.01
Revised Date : 2005.07.14
Page No. : 1/4
HSB857J
HSMC Product Specification
HSB857J
PNP EPITAXIAL PLANAR TRANSISTOR
Description
Low frequency power amplifier.
Absolute Maximum Ratings (T
A=25°C)
• Maximum Temperatures
Storage Temperature ............................................................................................................................. -50~+150
°C
Junction Temperature ................................................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (T
C=25°C) ..................................................................................................................... 20 W
• Maximum Voltages and Currents
BV
CBO Collector to Base Voltage ......................................................................................................................... -60 V
BV
CEO Collector to Emitter Voltage..................................................................................................................... -50 V
BV
EBO Emitter to Base Voltage ............................................................................................................................. -5 V
I
C Collector Current .............................................................................................................................................. -3 A
I
C Collector Current (IC Peak) ............................................................................................................................ -4.5 A
Electrical Characteristics (T
A=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BV
CBO
-60
-
-
V
I
C=-50uA
BV
CEO
-50
-
-
V
I
C=-1mA
BV
EBO
-5
-
-
V
I
E=-50uA
I
CBO
--
-1
uA
V
CB=-50V
I
CEO
--
-1
uA
V
CE=-40V
I
EBO
--
-1
uA
V
EB=-4V
*V
CE(sat)
--0.3
-1
V
I
C=-2A, IB=-0.2A
*V
BE(sat)
--
-1.5
V
I
C=-2A, IB=-0.2A
*h
FE
170
-
400
I
C=-500mA, VCE=-3V
f
T
-15
-
MHz
V
CE=-5V, IC=-500mA, f=100MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
TO-252


Similar Part No. - HSB857J

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSB857 HSMC-HSB857 Datasheet
34Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
HSB857D HSMC-HSB857D Datasheet
35Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HSB857J

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com