Electronic Components Datasheet Search
  English  ▼

X  

HSML-C110 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HSML-C110
Description  High Performance ChipLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HSML-C110 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HSML-C110 Datasheet HTML 1Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 2Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 3Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 4Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 5Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 6Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 7Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 8Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Note:
1. Bin categories are established for classification of products. Products
may not be available in all categories. Please contact your Agilent rep-
resentative for information on currently available bins.
Note:
1. Bin categories are established for classification of products. Products may not be available in all
categories. Please contact your Agilent representative for information on currently available bins.
Orange Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
597.0
600.0
B
600.0
603.0
C
603.0
606.0
D
606.0
609.0
E
609.0
612.0
F
612.0
615.0
Tolerance:
± 1 nm.
Yellow/Amber Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Tolerance:
± 0.5 nm.
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Intensity (mcd)
Bin ID
Min.
Max.
Bin ID
Min.
Max.
A
0.11
0.18
N
28.50
45.00
B
0.18
0.29
P
45.00
71.50
C
0.29
0.45
Q
71.50
112.50
D
0.45
0.72
R
112.50
180.00
E
0.72
1.10
S
180.00
285.00
F
1.10
1.80
T
285.00
450.00
G
1.80
2.80
U
450.00
715.00
H
2.80
4.50
V
715.00
1125.00
J
4.50
7.20
W
1125.00
1800.00
K
7.20
11.20
X
1800.00
2850.00
L
11.20
18.00
Y
2850.00
4500.00
M
18.00
28.50
Tolerance:
± 15%.
Color Bin Limits[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com