Electronic Components Datasheet Search
  English  ▼

X  

HSML-C110 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HSML-C110
Description  High Performance ChipLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HSML-C110 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HSML-C110 Datasheet HTML 3Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 4Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 5Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 6Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 7Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 8Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 9Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 10Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 8. Recommended Pb-free reflow soldering profile.
Figure 9. Recommended soldering pattern for HSMx-C110.
Figure 10. Recommended soldering pattern for HSMx-C170.
Figure 11. Recommended soldering pattern for HSMx-C190 and C191.
Figure 12. Recommended soldering pattern for HSMx-C150.
5.0 (0.200)
1.0 (0.039)
1.5
(0.059)
1.5
(0.059)
2.0
(0.079)
0.9 (0.035)
0.2 (0.008)
0.9 (0.035)
CENTERING
BOARD
1.2 (0.047)
1.2
(0.047)
0.9
(0.035)
1.2
(0.047)
0.8 (0.031)
0.8
(0.031)
0.7
(0.028)
0.8
(0.031)
1.5 (0.059)
1.5
(0.059)
1.5
(0.059)
2.0
(0.079)
Note: All dimensions in millimeters (inches).
217 °C
MAX. 120 SEC.
6 °C/SEC. MAX.
3 °C/SEC. MAX.
100 - 150 °C
255 °C (+5/-0)
60 to 150 SEC.
10 to 20 SEC.
TIME
* THE TIME FROM 25 °C TO PEAK TEMPERATURE = 6 MINUTES MAX.
Figure 7. Recommended reflow soldering profile.
230°C MAX.
10 SEC. MAX.
4°C/SEC.
MAX.
OVER 2 MIN.
TIME
4°C/SEC. MAX.
140-160°C
–3°C/SEC. M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com