Electronic Components Datasheet Search
  English  ▼

X  

TLP170AM Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP170AM
Description  Photocouplers Photorelay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP170AM Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP170AM Datasheet HTML 1Page - Toshiba Semiconductor TLP170AM Datasheet HTML 2Page - Toshiba Semiconductor TLP170AM Datasheet HTML 3Page - Toshiba Semiconductor TLP170AM Datasheet HTML 4Page - Toshiba Semiconductor TLP170AM Datasheet HTML 5Page - Toshiba Semiconductor TLP170AM Datasheet HTML 6Page - Toshiba Semiconductor TLP170AM Datasheet HTML 7Page - Toshiba Semiconductor TLP170AM Datasheet HTML 8Page - Toshiba Semiconductor TLP170AM Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLP170AM
4
9. Coupled Electrical Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Trigger LED current
Return LED current
ON-state resistance
Symbol
IFT
IFC
RON
Test Condition
ION = 700 mA
IOFF = 10 µA
ION = 700 mA, IF = 2 mA
Min
�
0.01
�
Typ.
0.1
0.1
0.15
Max
1
�
0.30
Unit
mA
mA
Ω
10. Isolation Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
Min
�
5 × 1010
3750
Typ.
0.8
1014
�
Max
�
�
�
Unit
pF
Ω
Vrms
Note 1: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
11. Switching Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Turn-on time
Turn-off time
Symbol
tON
tOFF
Note
Test Condition
See Fig. 11.1
RL = 200 Ω, VDD = 20 V, IF = 2 mA
Min
�
�
Typ.
3
0.4
Max
6
1
Unit
ms
Fig. 11.1
Switching Time Test Circuit and Waveform
2021-05-24
Rev.2.0
©2020-2021
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com