Electronic Components Datasheet Search
  English  ▼

X  

TLP170AM Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP170AM
Description  Photocouplers Photorelay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP170AM Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP170AM Datasheet HTML 1Page - Toshiba Semiconductor TLP170AM Datasheet HTML 2Page - Toshiba Semiconductor TLP170AM Datasheet HTML 3Page - Toshiba Semiconductor TLP170AM Datasheet HTML 4Page - Toshiba Semiconductor TLP170AM Datasheet HTML 5Page - Toshiba Semiconductor TLP170AM Datasheet HTML 6Page - Toshiba Semiconductor TLP170AM Datasheet HTML 7Page - Toshiba Semiconductor TLP170AM Datasheet HTML 8Page - Toshiba Semiconductor TLP170AM Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLP170AM
1
Photocouplers Photorelay
TLP170AM
Start of commercial production
2020-05
1. Applications
•
Security Systems
•
Factory Automation (FA)
•
Measuring Instruments
•
I/O Interface Boards
•
Programmable Logic Controllers (PLCs)
•
Mechanical relay replacements
2. General
The Toshiba TLP170AM consists of an infrared LED coupled to a photo-MOSFET in a 4-pin SO6 package. This
photorelay has higher output current rating than phototransistor-type photocoupler; hence, it is suitable for use
as On/Off control for high current.
3. Features
(1)
Halogen-free
For details, see "Devices in Halogen-Free Resin Packages" at the end of this datasheet.
(2)
Normally opened (1-Form-A)
(3)
OFF-state output terminal voltage: 60 V (min)
(4)
Trigger LED current: 1 mA (max)
(5)
ON-state current: 700 mA (max)
(6)
ON-state resistance: 0.3 Ω (max)
(7)
Isolation voltage: 3750 Vrms (min)
(8)
Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5 (Note 1)
Note 1: When a VDE approved type is needed, please designate the Option (V4).
Table 3.1
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
TLP170AM
5.0 (min)
5.0 (min)
0.2 (min)
Unit
mm
2021-05-24
Rev.2.0
©2020-2021
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP170AM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
More results

Similar Description - TLP170AM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com