Electronic Components Datasheet Search
  English  ▼

X  

74AHCT259 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT259
Description  8-bit addressable latch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT259 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT259 Datasheet HTML 1Page - NXP Semiconductors 74AHCT259 Datasheet HTML 2Page - NXP Semiconductors 74AHCT259 Datasheet HTML 3Page - NXP Semiconductors 74AHCT259 Datasheet HTML 4Page - NXP Semiconductors 74AHCT259 Datasheet HTML 5Page - NXP Semiconductors 74AHCT259 Datasheet HTML 6Page - NXP Semiconductors 74AHCT259 Datasheet HTML 7Page - NXP Semiconductors 74AHCT259 Datasheet HTML 8Page - NXP Semiconductors 74AHCT259 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2000 Mar 14
4
Philips Semiconductors
Product specification
8-bit addressable latch
74AHC259;
74AHCT259
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
d = HIGH or LOW data one set-up time prior to the LOW-to-HIGH LE transition;
q = lower case letters indicate the state of the referenced output established during the last cycle in which it was
addressed or cleared.
ORDERING INFORMATION
OPERATING MODE
INPUTS
OUTPUTS
MR
LE
D
A0
A1
A2
Q0Q1Q2Q3Q4Q5Q6Q7
reset
L
H
XXXX
LLLLLLLL
demultiplexer
(active HIGH
8-channel)
decoder (when D = H)
LL
dLLL
Q = d
LLLLLLL
d
H
L
L
L
Q = d
LLLLLL
d
L
H
L
LL
Q = d
LLLLL
d
H
H
L
LLL
Q = d
LLLL
d
L
L
H
LLLL
Q = d
LLL
d
H
L
H
LLLLL
Q = d
L
L
d
L
H
H
LLLLLL
Q = d
L
d
H
H
H
LLLLLLL
Q = d
memory (do nothing)
H
H
XXXX
q0
q1
q2
q3
q4
q5
q6
q7
addressable latch
H
L
dLLL
Q = d
q1
q2
q3
q4
q5
q6
q7
dHL
L
q0
Q=d
q2
q3
q4
q5
q6
q7
d
LHL
q0
q1
Q=d
q3
q4
q5
q6
q7
dH
HL
q0
q1
q2
Q=d
q4
q5
q6
q7
dLL
H
q0
q1
q2
q3
Q=d
q5
q6
q7
dHLH
q0
q1
q2
q3
q4
Q=d
q6
q7
dL
H
H
q0
q1
q2
q3
q4
q5
Q=d
q7
HHHH
q0
q1
q2
q3
q4
q5
q6
Q=d
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74AHC259D
−40 to +125 °C
16
SO
plastic
SOT109-1
74AHC259PW
16
TSSOP
plastic
SOT403-1
74AHCT259D
16
SO
plastic
SOT109-1
74AHCT259PW
16
TSSOP
plastic
SOT403-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com