Electronic Components Datasheet Search
  English  ▼

X  

74AHCT259 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHCT259
Description  8-bit addressable latch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT259 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT259 Datasheet HTML 1Page - NXP Semiconductors 74AHCT259 Datasheet HTML 2Page - NXP Semiconductors 74AHCT259 Datasheet HTML 3Page - NXP Semiconductors 74AHCT259 Datasheet HTML 4Page - NXP Semiconductors 74AHCT259 Datasheet HTML 5Page - NXP Semiconductors 74AHCT259 Datasheet HTML 6Page - NXP Semiconductors 74AHCT259 Datasheet HTML 7Page - NXP Semiconductors 74AHCT259 Datasheet HTML 8Page - NXP Semiconductors 74AHCT259 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2000 Mar 14
2
Philips Semiconductors
Product specification
8-bit addressable latch
74AHC259;
74AHCT259
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V
CDM EIA/JESD22-C101 exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Combines demultiplexer and 8-bit latch
• Serial-to-parallel capability
• Output from each storage bit available
• Random (addressable) data entry
• Easily expandable
• Common reset input
• Useful as a 3-to-8 active HIGH decoder
• Inputs accept voltages higher than VCC
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 °C and from −40 to +125 °C.
DESCRIPTION
The 74AHC/AHCT259 are high-speed Si-gate CMOS
devices and are pin compatible with Low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard No. 7A.
The 74AHC/AHCT259 are high-speed 8-bit addressable
latches designed for general purpose storage applications
in digital systems. The ‘259’ are multifunctional devices
capable of storing single-line data in eight addressable
latches, and also 3-to-8 decoder and demultiplexer, with
active HIGH outputs (Q0 to Q7), functions are available.
The ‘259’ also incorporates an active LOW common reset
(MR) for resetting all latches as well as an active LOW
enable input (LE).
The ‘259’ has four modes of operation as shown in the
mode select table. In the addressable latch mode, data on
the data line (D) is written into the addressed latch. The
addressed latch will follow the data input with all non-
addressed latches remaining in their previous states.
In the memory mode, all latches remain in their previous
states and are unaffected by the data or address inputs.
In the 3-to-8 decoding or demultiplexing mode, the
addressed output follows the state of the (D) input with all
other outputs in the LOW state. In the reset mode all
outputs are LOW and unaffected by the address
(A0 to A2) and data (D) input. When operating the ‘259’ as
an address latch, changing more than one bit of the
address could impose a transient-wrong address.
Therefore, this should only be done while in the memory
mode.
The mode select table summarizes the operations of
the ‘259’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com