Electronic Components Datasheet Search
  English  ▼

X  

CMB1507 Datasheet(PDF) 3 Page - Cree LED

Part # CMB1507
Description  XLamp® CMB1507 LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1507 Datasheet(HTML) 3 Page - Cree LED

  CMB1507 Datasheet HTML 1Page - Cree LED CMB1507 Datasheet HTML 2Page - Cree LED CMB1507 Datasheet HTML 3Page - Cree LED CMB1507 Datasheet HTML 4Page - Cree LED CMB1507 Datasheet HTML 5Page - Cree LED CMB1507 Datasheet HTML 6Page - Cree LED CMB1507 Datasheet HTML 7Page - Cree LED CMB1507 Datasheet HTML 8Page - Cree LED CMB1507 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
XLAMP® CMB1507 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite®, and the Cree logo are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS281
REV 0
3
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Viewing angle (FWHM)
degrees
115
ESD withstand voltage (JEDEC JS‑001‑2012)
V
Class 3A
DC forward current (18 V)
mA
1200*
DC forward current (36 V)
mA
600*
Reverse current
mA
0.1
Forward voltage (18 V, 400 mA, 85 °C)
V
16.8
19
Forward voltage (36 V, 200 mA, 85 °C)
V
33.5
38
*
Refer to the Operating Limits section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com