Electronic Components Datasheet Search
  English  ▼

X  

CMB1507 Datasheet(PDF) 22 Page - Cree LED

Part # CMB1507
Description  XLamp® CMB1507 LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1507 Datasheet(HTML) 22 Page - Cree LED

Back Button CMB1507 Datasheet HTML 18Page - Cree LED CMB1507 Datasheet HTML 19Page - Cree LED CMB1507 Datasheet HTML 20Page - Cree LED CMB1507 Datasheet HTML 21Page - Cree LED CMB1507 Datasheet HTML 22Page - Cree LED CMB1507 Datasheet HTML 23Page - Cree LED CMB1507 Datasheet HTML 24Page - Cree LED CMB1507 Datasheet HTML 25Page - Cree LED CMB1507 Datasheet HTML 26Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
XLAMP® CMB1507 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite®, and the Cree logo are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS281
REV 0
22
THERMAL DESIGN
The CMB family of LED arrays can include over a hundred different LED die inside one package, and thus over a hundred different junction
temperatures (T
J). Cree LED has intentionally removed junction‑temperature‑based operating limits and replaced the commonplace
maximum T
J calculations with maximum ratings based on forward current (IF) and case temperature (Tc). No additional calculations
are required to ensure that the CMB LED is being operated within its designed limits. LES temperature measurement provides additional
verification of good thermal design. Please refer to page 3 for the Operating Limit specifications.
There is no need to calculate for T
J inside the package, as the thermal management design process, specifically from solder point (TSP)
to ambient (T
a), remains identical to any other LED component. For more information on thermal management of XLamp LEDs, please
refer to the Thermal Management application note. For CMB soldering recommendations and more information on thermal interface
materials (TIM), LES temperature measurement, and connection methods, please refer to the XLamp CM Family LEDs soldering and
handling document.
To keep the CMB1507 LED at or below the maximum rated Tc, the case to ambient temperature
thermal resistance (R_c‑a) must be at or below the maximum R_c‑a value shown on the following
graphs, depending on the operating environment. The y‑axis in the graph is a base 10 logarithmic
scale.
As the figure at right shows, the R_c‑a value is the sum of the thermal resistance of the TIM (R_tim)
plus the thermal resistance of the heat sink (R_hs).
R_j-c
Tc
R_tim
R_hs
Ta
R_j-c
Tc
R_c-a
Ta
CMB1507 - 18 V
0.01
0.10
1.00
10.00
100.00
200
300
400
500
600
700
800
900
1000
1100
1200
Current (mA)
Ta = 25 °C
Ta = 55 °C
Ta = 85 °C
Ta = 105 °C
18 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com